Electronic Components Datasheet Search
  English  ▼

X  

TS68230FN Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS68230FN
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230FN Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS68230FN Datasheet HTML 17Page - STMicroelectronics TS68230FN Datasheet HTML 18Page - STMicroelectronics TS68230FN Datasheet HTML 19Page - STMicroelectronics TS68230FN Datasheet HTML 20Page - STMicroelectronics TS68230FN Datasheet HTML 21Page - STMicroelectronics TS68230FN Datasheet HTML 22Page - STMicroelectronics TS68230FN Datasheet HTML 23Page - STMicroelectronics TS68230FN Datasheet HTML 24Page - STMicroelectronics TS68230FN Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
PBCR
2
H4 Interrupt Enable
0
The H4 interrupt is disabled.
1
The H4 interrupt is enabled.
PBCR
1
H3 SVCRQ Enable
0
The H3 interrupt and DMA request are disabled.
1
The H3 interrupt and DMA request are enabled.
PBCR
0
H3 Status Control
X
The H3S status bit is set anytime input data is present in the double-buffered input path.
3.3.2. SUBMODE 01 - PIN-DEFINABLE DOUBLE-
BUFFERED OUTPUT OR NON-LATCHED INPUT.
In mode 0, double-buffered output transfers of up to
eight bits are available by programming submode
01 in the desired port’s control register. The opera-
tion of H2 and H4 may be selected by programming
the port A and B control registers, respectively. Da-
ta, written by the bus master to the PI/T, is stored in
the port’s output latches. The peripheral accepts the
data by asserting H1(H3), which causes the next da-
ta to be moved to the port’s output latch as soon as
it is available.
The H1S(H3S) status bit may be programmed for
two interpretations :
1. The H1S(H3S) status bit is set when either the
port initial or final output latch can accept new
data. It is cleared when both latches are full
and cannot accept new data.
2. The H1S(H3S) status bit is set when both of
the port output latches are empty. It is cleared
when at least one latch is full.
The programmable options of the H2(H4) pin are :
1. H2(H4) may be an edge-sensitive input pin in-
dependent of H1(H3) and the transfer of port
data. On the asserted edge of H2(H4), the
H2S(H4S) status bit is set. It is cleared by ei-
ther the RESET pin being asserted, writing a
one to the particular status bit in the port status
register (PSR), or when the H1(H2) enable
(H3(H4) enable) bit of the port general control
register is clear.
2. H2(H4) may be a general-purpose output pin
that is always negated. The H2S(H4S) status
bit is always clear.
3. H2(H4) may be a general-purpose output pin
that is always asserted. The H2S(H4S) status
bit is always clear.
4. H2(H4) may be an output pin in the interlocked
output handshake protocol. H2(H4) is asser-
ted two clock cycles after data is transferred to
the double-buffered output latches. The data
remains stable at the port pins and H2(H4) re-
mains asserted until the next asserted edge of
the H1(H3) input. At that time, H2(H4) is asyn-
chronously negated. As soon as the next data
is available, it is transferred to the output
latches. When H2(H4) is negated, asserted
transitions of H1(H3) have no affect on data
paths. The H2S(H4S) status bit is always clear.
When H12 enable (H34 enable) is clear,
H2(H4) is held negated.
5. H2(H4) may be an output pin in the pulsed out-
put handshake protocol. It is asserted exactly
as in the interlocked protocol above, but never
remains asserted longer than four clock cy-
cles. Typically, a four clock pulse is generated.
But in the case that a subsequent H1(H3) as-
serted edge occurs before termination of the
pulse, H2(H4) is negated asynchronously
shortening the pulse. The H3S(H4S) status bit
is always clear. When H12 enable (H34
enable) is clear H2(H4) is held negated.
For pins used as inputs, data written to the associa-
ted data register is double-buffered and passed to
the initial or final output latch, but, the output buffer
is disabled.
Programmable Options Mode 0 - Port A Submode 00 and Port B Submode 00 (continued)
TS68230
21/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com