Electronic Components Datasheet Search
  English  ▼

X  

TS68230FN Datasheet(PDF) 47 Page - STMicroelectronics

Part # TS68230FN
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230FN Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TS68230FN Datasheet HTML 43Page - STMicroelectronics TS68230FN Datasheet HTML 44Page - STMicroelectronics TS68230FN Datasheet HTML 45Page - STMicroelectronics TS68230FN Datasheet HTML 46Page - STMicroelectronics TS68230FN Datasheet HTML 47Page - STMicroelectronics TS68230FN Datasheet HTML 48Page - STMicroelectronics TS68230FN Datasheet HTML 49Page - STMicroelectronics TS68230FN Datasheet HTML 50Page - STMicroelectronics TS68230FN Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
5.2.4.2. External Clock.
This configuration allows measurement (counting)
of the number of input pulses occurring in an interval
in which the counter is enabled. The TIN input pin
provides the input pulses. Generally the TOUT and
TIACK pins are not used.
This configuration is similar to the elapsed time
measurement/system clock configuration except
that the TIN pin is used to provide the input frequen-
cy. It can be connected to a simple oscillator and the
same methods could be used. Alternately, it could
be gated off and on externally and the number of cy-
cles occurring while in the run state can be counted.
However, minimum pulse width high and low speci-
fications must be met.
5.2.5. DEVICE WATCHDOG.
This configuration provides the watchdog function
needed in many systems. The TIN pin is the timer
input whose period at the high (one) level is to be
checked. Once allowed by the processor, the TIN in-
put pin controls the run/halt mode. The TOUT pin is
connected to external circuitry requiring notification
when the TIN pin has been asserted longer than the
programmed time. The TIACK pin (timer interrupt
acknowledge) is only needed if the TOUT pin is
connected to the interrupt circuitry.
The processor loads the counter preload register
and timer control register, and then enables the ti-
mer. When the TIN input is asserted (one, high) the
timer transfers the contents of the counter preload
register to the counter and begins counting. If the
TIN input is negated before zero detect is reached,
the TOUT output and the ZDS status bit remain ne-
gated. If zero detect is reached while the TIN input
is still asserted, the ZDS status bit is set and the
TOUT output is asserted. (The counter rolls over
and keeps counting). In either case, when the TIN
input is negated the ZDS status bit is zero, the TOUT
output is negated, the counting stops, and the pres-
caler is forced to all ones (see figure 5.5).
7
6
543
2
1
0
Timer
Enable
TOUT/TIACK
Control
*
Z.D
Control
Clock
Control
0
0
X
1
0
1
X Changed
76
5
4
32
1
0
Timer
Enable
TOUT/TIACK
Control
*
Z.D
Control
Clock
Control
1
X
1
1
0
0
1 Changed
Figure 5.5 : Device Watchdog Example.
TS68230
47/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com