Electronic Components Datasheet Search
  English  ▼

X  

TS68230FN Datasheet(PDF) 54 Page - STMicroelectronics

Part # TS68230FN
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230FN Datasheet(HTML) 54 Page - STMicroelectronics

Back Button TS68230FN Datasheet HTML 50Page - STMicroelectronics TS68230FN Datasheet HTML 51Page - STMicroelectronics TS68230FN Datasheet HTML 52Page - STMicroelectronics TS68230FN Datasheet HTML 53Page - STMicroelectronics TS68230FN Datasheet HTML 54Page - STMicroelectronics TS68230FN Datasheet HTML 55Page - STMicroelectronics TS68230FN Datasheet HTML 56Page - STMicroelectronics TS68230FN Datasheet HTML 57Page - STMicroelectronics TS68230FN Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
6.6. AC ELECTRICAL SPECIFICATIONS
(VCC = 5.0Vdc ± 5%, VSS = 0Vdc, TA =TL to TH unless otherwise noted)
Peripheral Output Timings (figures 6.5)
8MHz
10MHz
Number
Parameter
Min.
Max.
Min.
Max.
Unit
16
Handshake Input H1(H4) Pulse Width Asserted
40
40
ns
17
Handshake Input H1(H4) Pulse Width Negated
40
40
ns
18
H1(H3) Asserted to H2(H4) Negated (delay time)
150
120
ns
19
CLK Low to H2(H4) Asserted (delay time)
100
100
ns
20
(1 )
H2(H4) Asserted to H1(H3) Asserted
0
0
ns
21
(2 )
CLK Low to H2(H4) Pulse Negated (delay time)
125
125
ns
22
(3 . 4 )
Synchronized H1(H3) to CLK low on which DMAREQ is asserted
2.5
3.5
2.5
3.5
CLK Per
23
CLK low on which DMAREQ is asserted to CLK low on which
DMAREQ is negated
2.5
3
2.5
3
CLK Per
24
CLK Low to Port Output Data Valid (delay time) (modes 0 and 1)
150
120
ns
25
(3 . 4 )
Synchronized H1(H3) to Port Output Data Invalid (modes 0 and 1)
1.5
2.5
1.5
2.5
CLK Per
26
H1 Negated to Port Output Data Valid (modes 2 and 3)
70
50
ns
27
H1 Asserted to Port Output Data High Impedance (modes 2 and 3)
0
70
0
70
ns
30
(5 )
H1(H3) Asserted to CLK High (setup time)
50
40
ns
35
CLK Low to DMAREQ Low (delay time)
0
120
0
100
ns
36
CLK Low to DMAREQ High (delay time)
0
120
0
100
ns
2. This specification applies only when a pulsed handshake option is chosen and the pulse is not shortened due to an
early asserted edge of H1(H3).
3. The maximum value is caused by a peripheral access (H1(H3) asserted) and bus access (CS asserted) occurring
at the same time.
4. Syncrhonized means that the input signal has been seen by the PI/T on the appropriate edge of the clock (rising
edge for H1(H3) and falling edge for CS). (Refer to the 1.4 Bus Interface Operation for the exception concerning
CS).
5. If the setup time on the rising edge of the clock is not met, H1(H3) may not be recognized until the next rising of
the clock.
TS68230
54/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com