Electronic Components Datasheet Search
  English  ▼

X  

TS68230FN Datasheet(PDF) 59 Page - STMicroelectronics

Part # TS68230FN
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230FN Datasheet(HTML) 59 Page - STMicroelectronics

Back Button TS68230FN Datasheet HTML 53Page - STMicroelectronics TS68230FN Datasheet HTML 54Page - STMicroelectronics TS68230FN Datasheet HTML 55Page - STMicroelectronics TS68230FN Datasheet HTML 56Page - STMicroelectronics TS68230FN Datasheet HTML 57Page - STMicroelectronics TS68230FN Datasheet HTML 58Page - STMicroelectronics TS68230FN Datasheet HTML 59Page - STMicroelectronics TS68230FN Datasheet HTML 60Page - STMicroelectronics TS68230FN Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
Table 1.3 : Register Model (sheet 2 of 2).
Register
Select Bits
54321
76543210
Register
Value
after
RESET
(hex
value)
10000
TOUT/TIACK
Control
ZD
Ctrl
I
Clock
Control
Timer
Enable
0 0
Timer Control
Register
10001
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
0 F
Timer Interrupt
Vector Register
10010
IIIIIIII
0 0
(null)
10011
Bit
23
Bit
22
Bit
21
Bit
20
Bit
19
Bit
18
Bit
17
Bit
16
II
Counter Preload
Register (high)
10100
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
II
Counter Preload
Register (mid)
10101
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
II
Counter Preload
Register (low)
10110
IIIIIIII
0 0
(null)
10111
Bit
23
Bit
22
Bit
21
Bit
20
Bit
19
Bit
18
Bit
17
Bit
16
II
Count Register
(high)
11000
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
II
Count Register
(mid)
11001
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
II
Count Register
(low)
11010
IIIIIII
ZDS
0 0
Timer Status
Register
11011
IIIIIIII
0 0
(null)
11100
IIIIIIII
0 0
(null)
11101
IIIIIIII
0 0
(null)
11110
IIIIIIII
0 0
(null)
11111
IIIIIIII
0 0
(null)
* Unused, read as zero.
TS68230
59/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com