Electronic Components Datasheet Search
  English  ▼

X  

TS68230FN Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS68230FN
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230FN Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS68230FN Datasheet HTML 34Page - STMicroelectronics TS68230FN Datasheet HTML 35Page - STMicroelectronics TS68230FN Datasheet HTML 36Page - STMicroelectronics TS68230FN Datasheet HTML 37Page - STMicroelectronics TS68230FN Datasheet HTML 38Page - STMicroelectronics TS68230FN Datasheet HTML 39Page - STMicroelectronics TS68230FN Datasheet HTML 40Page - STMicroelectronics TS68230FN Datasheet HTML 41Page - STMicroelectronics TS68230FN Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
function ; DMA is not used.
PSRR
SVCRQ Select
1 0
The PC4/DMAREQ pin carries the DMAREQ function and is associatedwith double-buffered
transfers controlled by H1. H1 is removed from PI/T’s interrupt structure, and thus, does not cause
interrupt requests to be generated. To obtain DMAREQ pulses, port A control register bit 1 (H1
SVCRQ enable) must be a one.
1 1
The PC4/DMAREQ pin carries the DMAREQ function and is associated with double-buffered
transfers controlled by H3. H3 is removed from the PI/T’s interrupt structure, and thus, does not
cause interrupts requests to be generated. To obtain DMAREQ pulses, port B control register bit
1 (H3 SVCRQ enable) must be one.
PSRR
4 3
Interrupt Pin Function Select
0 0
The PC5/PIRQ pin carries the PC5 function, no interrupt support.
The PC6/PIACK pin carries the PC6 function, no interrupt support.
0 1
The PC5/PIRQ pin carries the PIRQ function, supports autovectored interrupts.
The PC6/PIACK pin carries the PC6 function, supports autovectored interrupts.
1 0
The PC5/PIRQ pin carries the PC5 function.
The PC6/PIACK pin carries the PIACK function.
1 1
The PC5/PIRQ pin carries the PIRQ function, supports vectored interrupts.
The PC6/PIACK pin carries the PIACK function, supports vectored interrupts.
Table 4.2 : PSRR Port Interrupt Priority Control.
2 1 0
Highest .......................................Lowest
000
H1S
H2S
H3S
H4S
001
H2S
H1S
H3S
H4S
010
H1S
H2S
H4S
H3S
011
H2S
H1S
H4S
H3S
2 1 0
Highest .......................................Lowest
100
H3S
H4S
H1S
H2S
101
H3S
H4S
H2S
H1S
110
H4S
H3S
H1S
H2S
111
H4S
H3S
H2S
H1S
TS68230
38/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com