Electronic Components Datasheet Search
  English  ▼

X  

TS68230FN Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS68230FN
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230FN Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS68230FN Datasheet HTML 18Page - STMicroelectronics TS68230FN Datasheet HTML 19Page - STMicroelectronics TS68230FN Datasheet HTML 20Page - STMicroelectronics TS68230FN Datasheet HTML 21Page - STMicroelectronics TS68230FN Datasheet HTML 22Page - STMicroelectronics TS68230FN Datasheet HTML 23Page - STMicroelectronics TS68230FN Datasheet HTML 24Page - STMicroelectronics TS68230FN Datasheet HTML 25Page - STMicroelectronics TS68230FN Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
PACR
7 6
Port A Submode
0 1
Submode 01
PACR
5 4 3
H2 Control
0 X X
Input pin - edge-sensitive status inputs, H2S is set on an asserted edge.
1 0 0
Output pin - negated, H2S is always clear.
1 0 1
Output pin - asserted, H2S is always clear.
1 1 0
Output pin - interlocked input handshake protocol, H2S is always clear.
1 1 1
Output pin - pulsed input handshake protocol, H2S is always clear.
PACR
2
H2 Interrupt Enable
0
The H2 interrupt is disabled.
1
The H2 interrupt is enabled.
PACR
1
H1 SVCRQ Enable
0
The H1 interrupt and DMA request are disabled.
1
The H1 interrupt and DMA request are enabled.
PACR
0
H1 Status Control
0
The H1S status bit is set when either the port A initial or final output latch can accept new data
It is clear when both latches are full and cannot accept new data.
1
The H1S status bit is one when both of the port A output latches are empty. It is clear when at
least one latch is full.
PBCR
7 6
Port B Submode
0 1
Submode 01
PBCR
5 4 3
H4 Control
0 X X
Input pin - edge-sensitive status input, H4S is set on an asserted edge.
1 0 0
Output pin - negated, H4S is always cleared.
1 0 1
Output pin - asserted, H4S is always cleared.
1 1 0
Output pin - interlocked input handshake protocol, H4S is always cleared.
1 1 1
Output pin - pulsed input handshake protocol, H4S is always cleared.
Programmable Options Mode 0 - Port A Submode 01 and Port B Submode 01
TS68230
22/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com