Electronic Components Datasheet Search
  English  ▼

X  

OPA4872MDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4872MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 3Page - Texas Instruments OPA4872MDREP Datasheet HTML 4Page - Texas Instruments OPA4872MDREP Datasheet HTML 5Page - Texas Instruments OPA4872MDREP Datasheet HTML 6Page - Texas Instruments OPA4872MDREP Datasheet HTML 7Page - Texas Instruments OPA4872MDREP Datasheet HTML 8Page - Texas Instruments OPA4872MDREP Datasheet HTML 9Page - Texas Instruments OPA4872MDREP Datasheet HTML 10Page - Texas Instruments OPA4872MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
-55
-60
-65
-70
-75
-80
-85
-90
LoadResistance( )
W
100
1k
V =2V
O
PP
f=5MHz
2nd-Harmonic
3rd-Harmonic
dBc=dBBelowCarrier
-55
-60
-65
-70
-75
-80
-85
-90
-95
SupplyVoltage( V )
± S
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2nd-Harmonic
V =2V
O
PP
R =150
L
W
f=5MHz
3rd-Harmonic
dBc=dBBelowCarrier
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
Frequency(MHz)
1
10
100
V =2V
O
PP
R =150W
L
2nd-Harmonic
3rd-Harmonic
dBc=dBBelowCarrier
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
OutputVoltageSwing(V )
PP
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
R =150
L
W
f=5MHz
2nd-Harmonic
dBc=dBBelowCarrier
3rd-Harmonic
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
OutputCurrent(mA)
-200
-100
0
100
200
300
1WInternal
PowerLimit
1WInternal
PowerLimit
100
Load
W
50
Load
W
25
Load
W
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
Frequency(Hz)
1M
10M
100M
1G
Input-referred
ShutdownFeedthrough
DisableFeedthrough
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
DISABLE AND SHUTDOWN FEEDTHROUGH vs
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
FREQUENCY
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com