Electronic Components Datasheet Search
  English  ▼

X  

OPA4872MDREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4872MDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 4Page - Texas Instruments OPA4872MDREP Datasheet HTML 5Page - Texas Instruments OPA4872MDREP Datasheet HTML 6Page - Texas Instruments OPA4872MDREP Datasheet HTML 7Page - Texas Instruments OPA4872MDREP Datasheet HTML 8Page - Texas Instruments OPA4872MDREP Datasheet HTML 9Page - Texas Instruments OPA4872MDREP Datasheet HTML 10Page - Texas Instruments OPA4872MDREP Datasheet HTML 11Page - Texas Instruments OPA4872MDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
Time(10ns/div)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V
=200MHz,0.7V
IN_Ch0
PP
V
=0V
IN_Ch1
DC
OutputVoltage
A0
75
50
25
0
-25
-50
-75
Time(10ns/div)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
AtMatchedLoad
A0
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
Time(10ns/div)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V
=200MHz,0.10V
IN_Ch0
PP
Output
EN
75
50
25
0
-25
-50
-75
Time(10ns/div)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
AtMatchedLoad
EN
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
Time(20ns/div)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V
=200MHz,0.7V
IN_Ch0
PP
Output
SD
75
50
25
0
-25
-50
-75
Time(20ns/div)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
SD
AtMatchedLoad
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
CHANNEL-TO-CHANNEL SWITCHING
CHANNEL-TO-CHANNEL SWITCHING GLITCH
Figure 13.
Figure 14.
DISABLE/ENABLE TIME
DISABLE/ENABLE SWITCHING GLITCH
Figure 15.
Figure 16.
SHUTDOWN/START-UP TIME
SHUTDOWN GLITCH
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com