Electronic Components Datasheet Search
  English  ▼

X  

OPA4872MDREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4872MDREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 12Page - Texas Instruments OPA4872MDREP Datasheet HTML 13Page - Texas Instruments OPA4872MDREP Datasheet HTML 14Page - Texas Instruments OPA4872MDREP Datasheet HTML 15Page - Texas Instruments OPA4872MDREP Datasheet HTML 16Page - Texas Instruments OPA4872MDREP Datasheet HTML 17Page - Texas Instruments OPA4872MDREP Datasheet HTML 18Page - Texas Instruments OPA4872MDREP Datasheet HTML 19Page - Texas Instruments OPA4872MDREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DRIVING CAPACITIVE LOADS
V
=V
(R
I )
G
´
OSO_envelope
OS
S
b
´
´
G
I xR
bi
F
±
±
±½- -
½ ´
5
(V )
10
S
-
-
PSRR
-
20
± ½ -
5
(V )
10
S+ ½ ´
-
PSRR+
20
(7)
±½- - - ½ ´
5
( 6)
10
-
51
20
50
20
±½ - ½ ´
5
6
10
-
= 29.2mV
±
+523
18 A
W ´ ± m
±
´ ±
´
10mV+75
14 A
2
W
m
(8)
DISTORTION PERFORMANCE
DC ACCURACY
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
One of the most demanding, yet very common load
conditions, is capacitive loading. Often, the capacitive
load is the input of an analog-to-digital converter
(ADC)—including additional external capacitance that
Where:
may be recommended to improve ADC linearity. A
RS: Input resistance seen by R0, R1, G0, G1, B0,
high-speed device such as the OPA4872 can be very
or B1.
susceptible to decreased stability and closed-loop
response peaking when a capacitive load is placed
Ib: Noninverting input bias current
directly on the output pin. When the device open-loop
Ibi: Inverting input bias current
output resistance is considered, this capacitive load
G: Gain
introduces an additional pole in the signal path that
VS+: Positive supply voltage
can decrease the phase margin. Several external
solutions to this problem have been suggested. When
VS–: Negative supply voltage
the primary considerations are frequency response
PSRR+: Positive supply PSRR
flatness, pulse response fidelity, and/or distortion, the
PSRR–: Negative supply PSRR
simplest and most effective solution is to isolate the
VOS: Input Offset Voltage
capacitive load from the feedback loop by inserting a
series isolation resistor between the amplifier output
Evaluating
the
front-page
schematic,
using
a
and the capacitive load. This isolation resistor does
worst-case, +25°C offset voltage, bias current and
not eliminate the pole from the loop response, but
PSRR specifications and operating at ±6 V, gives a
rather shifts it and adds a zero at a higher frequency.
worst-case output equal to Equation 8:
The additional zero acts to cancel the phase lag from
the capacitive load pole, thus increasing the phase
margin and improving stability.
The Typical Characteristics show the recommended
RS versus capacitive load and the resulting frequency
response at the load; see Figure 5. Parasitic
capacitive loads greater than 2 pF can begin to
degrade the performance of the OPA4872. Long PCB
The OPA4872 provides good distortion performance
traces,
unmatched
cables,
and
connections
to
into a 150-
Ω load on ±5-V supplies. Relative to
multiple devices can easily cause this value to be
alternative
solutions,
it
provides
exceptional
exceeded. Always consider this effect carefully, and
performance into lighter loads. Generally, until the
add the recommended series resistor as close as
fundamental signal reaches very high frequency or
possible to the OPA4872 output pin (see the Board
power levels, the 2nd harmonic dominates the
Layout Guidelines section).
distortion with a negligible 3rd harmonic component.
Focusing then on the 2nd harmonic, increasing the
load impedance directly improves distortion. Also,
The OPA4872 offers excellent dc signal accuracy.
providing an additional supply decoupling capacitor
Parameters that influence the output dc offset voltage
(0.01
µF) between the supply pins (for bipolar
are:
operation) improves the 2nd-order distortion slightly
• Output offset voltage
(3 dB to 6 dB).
• Input bias current
In most op amps, increasing the output voltage swing
• Gain error
increases harmonic distortion directly. The Typical
• Power-supply rejection ratio
Characteristics show the 2nd harmonic increasing at
a little less than the expected 2X rate while the 3rd
• Temperature
harmonic increases at a little less than the expected
3X rate. Where the test power doubles, the 2nd
Leaving both temperature and gain error parameters
harmonic increases only by less than the expected 6
aside, the output offset voltage envelope can be
dB, whereas the 3rd harmonic increases by less than
described as shown in Equation 7:
the expected 12 dB.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com