Electronic Components Datasheet Search
  English  ▼

X  

OPA4872MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4872MDREP Datasheet(HTML) 1 Page - Texas Instruments

  OPA4872MDREP Datasheet HTML 1Page - Texas Instruments OPA4872MDREP Datasheet HTML 2Page - Texas Instruments OPA4872MDREP Datasheet HTML 3Page - Texas Instruments OPA4872MDREP Datasheet HTML 4Page - Texas Instruments OPA4872MDREP Datasheet HTML 5Page - Texas Instruments OPA4872MDREP Datasheet HTML 6Page - Texas Instruments OPA4872MDREP Datasheet HTML 7Page - Texas Instruments OPA4872MDREP Datasheet HTML 8Page - Texas Instruments OPA4872MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OP
A4872
1
FEATURES
APPLICATIONS
SUPPORTS DEFENSE, AEROSPACE,
DESCRIPTION
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
4:1 HIGH-SPEED MULTIPLEXER
• Video Router
2
• 500-MHz Small-Signal Bandwidth
• LCD and Plasma Display
• 500-MHz, 2-V
PP Bandwidth
• High Speed PGA
• 0.1-dB Gain Flatness to 120 MHz
• Drop-In Upgrade to AD8174
• 10-ns Channel-Switching Time
• Low Switching Glitch: 40 mV
PP
• 2300-V/µs Slew Rate
AND MEDICAL APPLICATIONS
• 0.035%/0.005° Differential Gain, Phase
• Controlled Baseline
• Quiescent Current = 10.6 mA
• One Assembly/Test Site
• 1.1-mA Quiescent Current in Shutdown Mode
• One Fabrication Site
• Available in Military (–55°C/125°C),
• 88-dB Off Isolation in Disable or Shutdown
Temperature Range(1)
(10 MHz)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1)
Additional temperature ranges available - contact factory
The OPA4872 offers a very wideband 4:1 multiplexer in an SO-14 package. Using only 10.6 mA, the OPA4872
provides a user-settable output amplifier gain with greater than 500-MHz large-signal bandwidth (2 VPP). The
switching glitch is improved over earlier solutions using a new (patented) input stage switching approach. This
technique uses current steering as the input switch while maintaining an overall closed-loop design. The
OPA4872 exhibits an off isolation of 88dB in either Disable or Shutdown mode. With greater than 500-MHz
small-signal bandwidth at a gain of 2, the OPA4872 gives a typical 0.1-dB gain flatness to greater than 120 MHz.
System power may be optimized using the chip-enable feature for the OPA4872. Taking the chip enable (EN)
line high powers down the OPA4872 to less than 3.4 mA total supply current. Further power reduction to 1.1mA
quiescent current can be achieved by bringing the shutdown (SD) line high. Muxing multiple OPA4872s outputs
together, then using the chip enable to select which channels are active, increases the number of possible
inputs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA4872MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4872MDREP TI1-OPA4872MDREP Datasheet
1,011Kb / 25P
4:1 HIGH-SPEED MULTIPLEXER
OPA4872MDREP TI2-OPA4872MDREP Datasheet
884Kb / 26P
4:1 HIGH-SPEED MULTIPLEXER
DECEMBER 2008
OPA4872MDREP.A TI2-OPA4872MDREP.A Datasheet
884Kb / 26P
4:1 HIGH-SPEED MULTIPLEXER
DECEMBER 2008
More results

Similar Description - OPA4872MDREP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
High-Speed 4:1 Analog Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
4:1 High-Speed Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
NOVEMBER 2002
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
4:1 High-Speed Multiplexer
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com