Electronic Components Datasheet Search
  English  ▼

X  

OPA4872MDREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4872MDREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 13Page - Texas Instruments OPA4872MDREP Datasheet HTML 14Page - Texas Instruments OPA4872MDREP Datasheet HTML 15Page - Texas Instruments OPA4872MDREP Datasheet HTML 16Page - Texas Instruments OPA4872MDREP Datasheet HTML 17Page - Texas Instruments OPA4872MDREP Datasheet HTML 18Page - Texas Instruments OPA4872MDREP Datasheet HTML 19Page - Texas Instruments OPA4872MDREP Datasheet HTML 20Page - Texas Instruments OPA4872MDREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
NOISE PERFORMANCE
E =
O
E
+(I
R ) +4kTR
NI
BN
S
S NG
+
2
2
2
(I R )
BI
F
+4kTR NG
F
Ö(
2
)
E =
O
E
+(I
R ) +4kTR
NI
BN
S
S +
2
2
I R
BI
F
NG
4kTR
F
NG
+
Ö
)
(
2
(10)
4kT
R
G
R
G
R
F
R
S
OPA4872
I
BI
E
O
I
BN
4kT=1.6
10
J
x
- 20
at290K
E
RS
E
NI
Ö4kTR
F
Ö4kTR
S
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
The OPA4872 offers an excellent balance between
(9)
voltage and current noise terms to achieve low output
noise. The inverting current noise (19 pA/
√Hz) is
Dividing this expression by the noise gain (NG = (1 +
significantly lower than earlier solutions, while the
RF/RG)) gives the equivalent input-referred spot noise
input voltage noise (4.5 nV/
√Hz) is lower than most
voltage at the noninverting input, as shown in
unity-gain stable, wideband, voltage-feedback op
Equation 10.
amps. As long as the ac source impedance looking
out of the noninverting node is less than 100
Ω, this
current noise will not contribute significantly to the
total output noise. The op amp input voltage noise
Evaluating these two equations for the OPA4872
and the two input current noise terms combine to give
circuit and component values (see Figure 27) gives a
low output noise under a wide variety of operating
total output spot noise voltage of 14.2 nV/
√Hz and a
conditions. Figure 34 shows the OPA4872 noise
total equivalent input spot noise voltage of 7.1
analysis model with all the noise terms included. In
nV/
√Hz. This total input-referred spot noise voltage is
this model, all noise terms are taken to be noise
higher than the 4.5-nV/
√Hz specification for the
voltage or current density terms in either nV/
√Hz or
OPA4872 voltage noise alone. This voltage reflects
pA/
√Hz.
the noise added to the output by the inverting current
noise times the feedback resistor. If the feedback
resistor is reduced in high-gain configurations, the
total
input-referred
voltage
noise
given
by
Equation 10 approaches only the 4.5 nV/
√Hz of the
op amp itself. For example, going to a gain of +10
using RF = 178 Ω gives a total input-referred noise of
4.7 nV/
√Hz.
Figure 34. Op Amp Noise Analysis Model
The total output spot noise voltage can be computed
as the square root of the sum of all squared output
noise voltage contributors. Equation 9 shows the
general form for the output noise voltage using the
terms shown in Figure 35.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com