Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF2500C Datasheet HTML 7Page - ATMEL Corporation ATF2500C Datasheet HTML 8Page - ATMEL Corporation ATF2500C Datasheet HTML 9Page - ATMEL Corporation ATF2500C Datasheet HTML 10Page - ATMEL Corporation ATF2500C Datasheet HTML 11Page - ATMEL Corporation ATF2500C Datasheet HTML 12Page - ATMEL Corporation ATF2500C Datasheet HTML 13Page - ATMEL Corporation ATF2500C Datasheet HTML 14Page - ATMEL Corporation ATF2500C Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
0777K–PLD–1/24/08
ATF2500C
Note:
1. See I
CC versus frequency characterization curves.
10. Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is V
CC + 0.75V DC
which may overshoot to +7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Junction Temperature ............................................. 150°C Max
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
11. DC and AC Operating Conditions
Commercial
Industrial
Military
Operating Temperature
0°C - 70°C
(Ambient)
-40°C - 85°C
(Ambient)
-55°C - 125°C
(Case)
V
CC Power Supply
5V ± 5%
5V ± 10%
5V ± 10%
11.1
ATF2500C DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input Load Current
V
IN = -0.1V to VCC + 1V
10
µA
I
LO
Output Leakage
Current
V
OUT = -0.1V to VCC + 0.1V
10
µA
I
CC
Power Supply
Current Standby
V
CC = MAX,
VIN = GND or
V
CC f = 0 MHz,
Outputs Open
ATF2500C
Com.
80
110
mA
Ind., Mil.
80
130
mA
V
IL
Input Low Voltage
MIN
≤V
CC ≤MAX
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
V
OL
Output Low
Voltage
VIN = VIH or VIL,
V
CC = 4.5V
IOL = 8 mA
Com., Ind.
0.5
V
I
OL = 6 mA
Mil.
0.5
V
V
OH
Output High
Voltage
V
CC = MIN
I
OH = -100 µA
V
CC - 0.3
V
IOH = -4.0 mA
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com