Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATF2500C Datasheet HTML 16Page - ATMEL Corporation ATF2500C Datasheet HTML 17Page - ATMEL Corporation ATF2500C Datasheet HTML 18Page - ATMEL Corporation ATF2500C Datasheet HTML 19Page - ATMEL Corporation ATF2500C Datasheet HTML 20Page - ATMEL Corporation ATF2500C Datasheet HTML 21Page - ATMEL Corporation ATF2500C Datasheet HTML 22Page - ATMEL Corporation ATF2500C Datasheet HTML 23Page - ATMEL Corporation ATF2500C Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
0777K–PLD–1/24/08
ATF2500C
14.4
44K – JLCC
15. Revision History
SYMBOL
MIN
NOM
MAX
NOTE
A
3.93
4.36
4.57
2.28
2.66
3.04
A1
E
E1
16.38
16.63
16.89
D1
D
A2
0.89
-
1.14
17.40
17.52
17.65
D2
15.00
15.50
16.00
1.14 X 45˚
0.89 X 45˚
.025(.635) RADIUS MAX (3X)
D
D1
E1
E
b
e
b1
E2
A2
A1
A
D2
E2
b
b1
c
17.40
17.52
17.65
16.38
16.63
16.89
15.00
15.50
16.00
e
1.27 TYP
0.66
0.73
0.81
0.43
-
0.58
0.15
-
0.30
C
Note : Refer to MIL-STD-1835C-J1
0.20 C
SEATING PLANE
c
COMMON DIMENSIONS
(Unit of Measure = mm)
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
09/18/01
44K, 44-lead, Non-windowed, Ceramic J-leaded Chip Carrier (JLCC)
A
44K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com