Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF2500C Datasheet HTML 1Page - ATMEL Corporation ATF2500C Datasheet HTML 2Page - ATMEL Corporation ATF2500C Datasheet HTML 3Page - ATMEL Corporation ATF2500C Datasheet HTML 4Page - ATMEL Corporation ATF2500C Datasheet HTML 5Page - ATMEL Corporation ATF2500C Datasheet HTML 6Page - ATMEL Corporation ATF2500C Datasheet HTML 7Page - ATMEL Corporation ATF2500C Datasheet HTML 8Page - ATMEL Corporation ATF2500C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
0777K–PLD–1/24/08
ATF2500C
5.
Preload and Observability of Registered Outputs
The ATF2500Cs registers are provided with circuitry to allow loading of each register asynchro-
nously with either a high or a low. This feature will simplify testing since any state can be forced
into the registers to control test sequencing. A V
IH level on the odd I/O pins will force the appro-
priate register high; a V
IL will force it low, independent of the polarity or other configuration bit
settings.
The PRELOAD state is entered by placing an 10.25V to 10.75V signal on SMP lead 42. When
the preload clock SMP lead 23 is pulsed high, the data on the I/O pins is placed into the 12 reg-
isters chosen by the Q select and even/odd select pins.
Register 2 observability mode is entered by placing an 10.25V to 10.75V signal on pin/lead 2. In
this mode, the contents of the buried register bank will appear on the associated outputs when
the OE control signals are active.
Figure 5-1.
Preload Waveforms
Table 5-1.
Preload Levels
Level Forced on Odd
I/O Pin during
PRELOAD Cycle
Q Select
Pin State
Even/Odd
Select
Even Q1
State after
Cycle
Even Q2
State after
Cycle
Odd Q1
State after
Cycle
Odd Q2
State after
Cycle
V
IH/VIL
Low
Low
High/Low
X
X
X
V
IH/VIL
High
Low
X
High/Low
X
X
V
IH/VIL
Low
High
X
X
High/Low
X
V
IH/VIL
High
High
X
X
X
High/Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com