Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF2500C Datasheet HTML 1Page - ATMEL Corporation ATF2500C Datasheet HTML 2Page - ATMEL Corporation ATF2500C Datasheet HTML 3Page - ATMEL Corporation ATF2500C Datasheet HTML 4Page - ATMEL Corporation ATF2500C Datasheet HTML 5Page - ATMEL Corporation ATF2500C Datasheet HTML 6Page - ATMEL Corporation ATF2500C Datasheet HTML 7Page - ATMEL Corporation ATF2500C Datasheet HTML 8Page - ATMEL Corporation ATF2500C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
0777K–PLD–1/24/08
ATF2500C
The ATF2500C is organized around a single universal array. All pins and feedback terms are
always available to every macrocell. Each of the 38 logic pins are array inputs, as are the out-
puts of each flip-flop.
In the ATF2500C, four product terms are input to each sum term. Furthermore, each macrocell’s
three sum terms can be combined to provide up to 12 product terms per sum term with no per-
formance penalty. Each flip-flop is individually selectable to be either D- or T-type, providing
further logic compaction. Also, 24 of the flip-flops may be bypassed to provide internal combina-
torial feedback to the logic array.
Product terms provide individual clocks and asynchronous resets for each flip-flop. The flip-flops
may also be individually configured to have direct input pin clocking. Each output has its own
enable product term. Eight synchronous preset product terms serve local groups of either four or
eight flip-flops. Register preload functions are provided to simplify testing. All registers automati-
cally reset upon power-up.
2.
Pin Configurations
Table 2-1.
Pin Configurations
Pin Name
Function
IN
Logic Inputs
CLK/IN
Pin Clock and Input
I/O
Bi-directional Buffers
I/O 0,2,4...
Even I/O Buffers
I/O 1,3,5...
Odd I/O Buffers
GND
Ground
VCC
+5V Supply
Figure 2-1.
DIP
Figure 2-2.
PLCC
Note:
(PLCC package) pin 4 and pin 26 GND connections are
not required, but are recommended for improved noise
immunity.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CLK/IN
IN
IN
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
VCC
I/O17
I/O16
I/O15
I/O14
I/O13
I/O12
IN
IN
IN
IN
IN
IN
IN
IN
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
GND
I/O23
I/O22
I/O21
I/O20
I/O19
I/O18
IN
IN
IN
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
I/O2
I/O3
I/O4
I/O5
VCC
VCC
I/O17
I/O16
I/O15
I/O14
I/O13
I/O7
I/O8
I/O9
I/O10
I/O11
GND
GND
I/O23
I/O22
I/O21
I/O20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com