Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF2500C Datasheet HTML 9Page - ATMEL Corporation ATF2500C Datasheet HTML 10Page - ATMEL Corporation ATF2500C Datasheet HTML 11Page - ATMEL Corporation ATF2500C Datasheet HTML 12Page - ATMEL Corporation ATF2500C Datasheet HTML 13Page - ATMEL Corporation ATF2500C Datasheet HTML 14Page - ATMEL Corporation ATF2500C Datasheet HTML 15Page - ATMEL Corporation ATF2500C Datasheet HTML 16Page - ATMEL Corporation ATF2500C Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
0777K–PLD–1/24/08
ATF2500C
11.5
ATF2500C AC Characteristics
Symbol
Parameter
-15
-20
Units
Min
Max
Min
Max
t
PD1
Input to Non-registered Output
15
20
ns
tPD2
Feedback to Non-registered Output
15
20
ns
t
PD3
Input to Non-registered Feedback
11
15
ns
tPD4
Feedback to Non-registered Feedback
11
15
ns
tEA1
Input to Output Enable
15
20
ns
t
ER1
Input to Output Disable
15
20
ns
tEA2
Feedback to Output Enable
15
20
ns
tER2
Feedback to Output Disable
15
20
ns
t
AW
Asynchronous Reset Width
8
12
ns
tAP
Asynchronous Reset to Registered Output
18
22
ns
tAPF
Asynchronous Reset to Registered Feedback
15
19
ns
11.6
ATF2500C Register AC Characteristics, Input Pin Clock
Symbol
Parameter
-15
-20
Units
Min
Max
Min
Max
t
COS
Clock to Output
10
11
ns
tCFS
Clock to Feedback
0
5
0
6
ns
t
SIS
Input Setup Time
9
14
ns
t
SFS
Feedback Setup Time
9
14
ns
tHS
Hold Time
0
0
ns
t
WS
Clock Width
6
7
ns
t
PS
Clock Period
12
14
ns
F
MAXS
External Feedback 1/(tSIS + tCOS)52
40
MHz
Internal Feedback 1/(t
SFS + tCFS)71
50
MHz
No Feedback 1/(t
PS)83
71
MHz
tARS
Asynchronous Reset/Preset Recovery Time
12
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com