Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATF2500C Datasheet HTML 10Page - ATMEL Corporation ATF2500C Datasheet HTML 11Page - ATMEL Corporation ATF2500C Datasheet HTML 12Page - ATMEL Corporation ATF2500C Datasheet HTML 13Page - ATMEL Corporation ATF2500C Datasheet HTML 14Page - ATMEL Corporation ATF2500C Datasheet HTML 15Page - ATMEL Corporation ATF2500C Datasheet HTML 16Page - ATMEL Corporation ATF2500C Datasheet HTML 17Page - ATMEL Corporation ATF2500C Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
0777K–PLD–1/24/08
ATF2500C
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
11.9
Test Waveforms and Measurement Levels
11.10 Output Test Load
11.7
ATF2500C Register AC Characteristics, Product Term Clock
Symbol
Parameter
-15
-20
Units
Min
Max
Min
Max
t
COA
Clock to Output
15
20
ns
tCFA
Clock to Feedback
5
12
10
16
ns
t
SIA
Input Setup Time
5
10
ns
tSFA
Feedback Setup Time
5
8
ns
tHA
Hold Time
5
10
ns
t
WA
Clock Width
7.5
11
ns
tPA
Clock Period
15
22
ns
F
MAXA
External Feedback 1/(tSIA + tCOA)50
33
MHz
Internal Feedback 1/(t
SFA + tCFA)58
38
MHz
No Feedback 1/(tPS)66
45
MHz
tARA
Asynchronous Reset/Preset Recovery Time
8
12
ns
11.8
Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com