Electronic Components Datasheet Search
  English  ▼

X  

DS80C320 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS80C320 Datasheet HTML 11Page - Maxim Integrated Products DS80C320 Datasheet HTML 12Page - Maxim Integrated Products DS80C320 Datasheet HTML 13Page - Maxim Integrated Products DS80C320 Datasheet HTML 14Page - Maxim Integrated Products DS80C320 Datasheet HTML 15Page - Maxim Integrated Products DS80C320 Datasheet HTML 16Page - Maxim Integrated Products DS80C320 Datasheet HTML 17Page - Maxim Integrated Products DS80C320 Datasheet HTML 18Page - Maxim Integrated Products DS80C320 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
15 of 40
POWER-FAIL RESET
The DS80C320/DS80C323 incorporate a precision bandgap voltage reference to determine when VCC is
out of tolerance. While powering up, internal circuits will hold the device in a reset state until VCC rises
above the VRST reset threshold. Once VCC is above this level, the oscillator will begin running. An internal
reset circuit will then count 65,536 clocks to allow time for power and the oscillator to stabilize. The
microcontroller will then exit the reset condition. No external components are needed to generate a power
on reset. During power-down or during a severe power glitch, as VCC falls below VRST, the
microcontroller will also generate its own reset. It will hold the reset condition as long as power remains
below the threshold. This reset will occur automatically, needing no action from the user or from the
software. See the Electrical Specifications section for the exact value of VRST.
POWER-FAIL INTERRUPT
The same reference that generates a precision reset threshold can also generate an optional early warning
Power-fail Interrupt (PFI). When enabled by the application software, this interrupt always has the
highest priority. On detecting that the VCC has dropped below VPFW and that the PFI is enabled, the
processor will vector to ROM address 0033h. The PFI enable is located in the Watchdog Control SFR
(WDCON to D8h). Setting WDCON.5 to logic 1 will enable the PFI. The application software can also
read a flag at WDCON.4. This bit is set when a PFI condition has occurred. The flag is independent of the
interrupt enable and software must manually clear it.
WATCHDOG TIMER
For applications that cannot afford to run out of control, the DS80C320/DS80C323 incorporate a
programmable watchdog timer circuit. The watchdog timer circuit resets the microcontroller if software
fails to reset the watchdog before the selected time interval has elapsed. The user selects one of four
timeout values. After enabling the watchdog, software must reset the timer prior to expiration of the
interval, or the CPU will be reset. Both the Watchdog Enable and the Watchdog Reset bits are protected
by a “Timed Access” circuit. This prevents accidentally clearing the watchdog. Timeout values are
precise since they are related to the crystal frequency as shown in Table 3. For reference, the time periods
at 25MHz are also shown.
The watchdog timer also provides a useful option for systems that may not require a reset. If enabled,
then 512 clocks before giving a reset, the watchdog will give an interrupt. The interrupt can also serve as
a convenient time-base generator, or be used to wake-up the processor from Idle mode. The watchdog
function is controlled in the Clock Control (CKCON to 8Eh), Watchdog Control (WDCON to D8h), and
Extended Interrupt Enable (EIE to E8h) SFRs. CKCON.7 and CKCON.6 are called WD1 and WD0,
respectively, and are used to select the watchdog timeout period as shown in Table 3.
Table 3. Watchdog Timeout Values
WD1
WD0
INTERRUPT
TIMEOUT
TIME (at
25MHz)
RESET
TIMEOUT
TIME
(at 25MHz)
0
0
217 clocks
5.243ms
217 + 512 clocks
5.263ms j
0
1
220 clocks
41.94ms
220 + 512 clocks
41.96ms
1
0
223 clocks
335.54ms
223 + 512 clocks
335.56ms
1
1
226 clocks
2684.35ms
226 + 512 clocks
2684.38ms
As Table 3 shows, the watchdog timer uses the crystal frequency as a time base. A user selects one of
four counter values to determine the timeout. These clock counter lengths are 217 = 131,072 clocks;
220 = 1,048,576; 223 = 8,388,608 clocks; or 226 = 67,108,864 clocks. The times shown in Table 4 are with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com