Electronic Components Datasheet Search
  English  ▼

X  

DS80C320 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS80C320 Datasheet HTML 1Page - Maxim Integrated Products DS80C320 Datasheet HTML 2Page - Maxim Integrated Products DS80C320 Datasheet HTML 3Page - Maxim Integrated Products DS80C320 Datasheet HTML 4Page - Maxim Integrated Products DS80C320 Datasheet HTML 5Page - Maxim Integrated Products DS80C320 Datasheet HTML 6Page - Maxim Integrated Products DS80C320 Datasheet HTML 7Page - Maxim Integrated Products DS80C320 Datasheet HTML 8Page - Maxim Integrated Products DS80C320 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
2 of 40
DETAILED DESCRIPTION
The DS80C320/DS80C323 are fast 80C31/80C32-compatible microcontrollers. Wasted clock and
memory cycles have been removed using a redesigned processor core. As a result, every 8051 instruction
is executed between 1.5 and 3 times faster than the original for the same crystal speed. Typical
applications see a speed improvement of 2.5 times using the same code and same crystal. The DS80C320
offers a maximum crystal rate of 33MHz, resulting in apparent execution speeds of 82.5MHz
(approximately 2.5X).
The DS80C320/DS80C323 are pin compatible with all three packages of the standard 80C32 and offer
the same timer/counters, serial port, and I/O ports. In short, the devices are extremely familiar to 8051
users, but provide the speed of a 16-bit processor.
The DS80C320 provides several extras in addition to greater speed. These include a second full hardware
serial port, seven additional interrupts, programmable watchdog timer, power-fail interrupt and reset. The
device also provides dual data pointers (DPTRs) to speed block data memory moves. It can also adjust the
speed of off-chip data memory access to between two and nine machine cycles for flexibility in selecting
memory and peripherals.
The DS80C320 operating voltage ranges from 4.25V to 5.5V, making it ideal as a high-performance
upgrade to existing 5V systems. For applications in which power consumption is critical, the DS80C323
offers the same feature set as the DS80C320, but with 2.7V to 5.5V operation.
Designers must have two documents to fully use all the features of this device: this data sheet and the
High-Speed
Microcontroller
User’s
Guide,
available
on
our
website
at
www.maxim-ic.com/microcontrollers. Data sheets contain pin descriptions, feature overviews, and
electrical specifications, whereas our user’s guides contain detailed information about device features and
operation.
ORDERING INFORMATION
PART
Pb-FREE/RoHS-
COMPLIANT
TEMP RANGE
MAX CLOCK
SPEED (MHz)
PIN-PACKAGE
DS80C320-MCG
DS80C320-MCG+
0°C to +70°C
25
40 Plastic DIP
DS80C320-QCG
DS80C320-QCG+
0°C to +70°C
25
44 PLCC
DS80C320-ECG
DS80C320-ECG+
0°C to +70°C
25
44 TQFP
DS80C320-MNG
DS80C320-MNG+
-40°C to +85°C
25
40 Plastic DIP
DS80C320-QNG
DS80C320-QNG+
-40°C to +85°C
25
44 PLCC
DS80C320-ENG
DS80C320-ENG+
-40°C to +85°C
25
44 TQFP
DS80C320-MCL
DS80C320-MCL+
0°C to +70°C
33
40 Plastic DIP
DS80C320-QCL
DS80C320-QCL+
0°C to +70°C
33
44 PLCC
DS80C320-ECL
DS80C320-ECL+
0°C to +70°C
33
44 TQFP
DS80C320-MNL
DS80C320-MNL+
-40°C to +85°C
33
40 Plastic DIP
DS80C320-QNL
DS80C320-QNL+
-40°C to +85°C
33
44 PLCC
DS80C320-ENL
DS80C320-ENL+
-40°C to +85°C
33
44 TQFP
DS80C323-MCD
DS80C323-MCD+
0°C to +70°C
18
40 Plastic DIP
DS80C323-QCD
DS80C323-QCD+
0°C to +70°C
18
44 PLCC
DS80C323-ECD
DS80C323-ECD+
0°C to +70°C
18
44 TQFP
DS80C323-QND
DS80C323-QND+
-40°C to +85°C
18
44 PLCC
DS80C323-END
DS80C323-END+
-40°C to +85°C
18
44 TQFP
+ Denotes a Pb-free/RoHS-compliant device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com