Electronic Components Datasheet Search
  English  ▼

X  

DS80C320 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS80C320 Datasheet HTML 25Page - Maxim Integrated Products DS80C320 Datasheet HTML 26Page - Maxim Integrated Products DS80C320 Datasheet HTML 27Page - Maxim Integrated Products DS80C320 Datasheet HTML 28Page - Maxim Integrated Products DS80C320 Datasheet HTML 29Page - Maxim Integrated Products DS80C320 Datasheet HTML 30Page - Maxim Integrated Products DS80C320 Datasheet HTML 31Page - Maxim Integrated Products DS80C320 Datasheet HTML 32Page - Maxim Integrated Products DS80C320 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
29 of 40
EXTERNAL CLOCK CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Clock High Time
tCHCX
10
ns
Clock Low Time
tCLCX
10
ns
Clock Rise Time
tCLCH
5
ns
Clock Fall Time
tCHCL
5
ns
SERIAL PORT MODE 0 TIMING CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SM2 = 0;
12 clocks per cycle
12tCLCL
Serial Port Clock
Cycle Time
tXLXL
SM2 = 1;
4 clocks per cycle
4tCLCL
ns
SM2 = 0
12 clocks per cycle
10tCLCL
Output Data Setup to
Clock Rising Edge
tQVXH
SM2 = 1;
4 clocks per cycle
3tCLCL
ns
SM2 = 0
12 clocks per cycle
2tCLCL
Output Data Hold
from Clock Rising
tXHQX
SM2 = 1;
4 clocks per cycle
tCLCL
ns
SM2 = 0;
12 clocks per cycle
tCLCL
Input Data Hold After
Clock Rising
tXHDX
SM2 = 1;
4 clocks per cycle
tCLCL
ns
SM2 = 0;
12 clocks per cycle
11tCLCL
Clock Rising Edge to
Input Data Valid
tXHDV
SM2 = 1
4 clocks per cycle
2tCLCL
ns
EXPLANATION OF AC SYMBOLS
In an effort to remain compatible with the original 8051 family, this device specifies the same parameter as such
devices, using the same symbols. For completeness, the following is an explanation of the symbols.
t
Time
A
Address
C
Clock
D
Input data
H
Logic level high
L
Logic level low
I
Instruction
P
PSEN
Q
Output data
R
RD
signal
V
Valid
W
WR
signal
X
No longer a valid logic level
Z
Tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com