Electronic Components Datasheet Search
  English  ▼

X  

DS80C320 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS80C320 Datasheet HTML 18Page - Maxim Integrated Products DS80C320 Datasheet HTML 19Page - Maxim Integrated Products DS80C320 Datasheet HTML 20Page - Maxim Integrated Products DS80C320 Datasheet HTML 21Page - Maxim Integrated Products DS80C320 Datasheet HTML 22Page - Maxim Integrated Products DS80C320 Datasheet HTML 23Page - Maxim Integrated Products DS80C320 Datasheet HTML 24Page - Maxim Integrated Products DS80C320 Datasheet HTML 25Page - Maxim Integrated Products DS80C320 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
22 of 40
NOTES FOR DS80C320 DC ELECTRICAL CHARACTERISTICS
All parameters apply to both commercial and industrial temperature operation unless otherwise noted. Specifications to -40°C
are guaranteed by design and are not production tested.
1. All voltages are referenced to ground.
2. Active current is measured with a 25MHz clock source driving XTAL1, VCC = RST = 5.5V, all other pins
disconnected.
3. Idle mode current is measured with a 25MHz clock source driving XTAL1, VCC = 5.5V, RST at ground, all
other pins disconnected.
4. Stop mode current measured with XTAL1 and RST grounded, VCC = 5.5V, all other pins disconnected.
5. When addressing external memory. This specification only applies to the first clock cycle following transition.
6. RST = VCC. This condition mimics operation of pins in I/O mode.
7. During a 0-to-1 transition, a one-shot drives the ports hard for two clock cycles. This measurement reflects port
in transition mode.
8. Ports 1 and 3 source transition current when being pulled down externally. It reaches its maximum at
approximately 2V.
9. 0.45<VIN<VCC. Not a high-impedance input. This port is a weak address holding latch because Port 0 is
dedicated as an address bus on the DS80C320. Peak current occurs near the input transition point of the latch,
approximately 2V.
10. Over the industrial temperature range, this specification has a maximum value of 200
mA.
11. This is the current required from an external circuit to hold a logic low level on an I/O pin while the
corresponding port latch bit is set to 1. This is only the current required to hold the low level; transitions from 1
to 0 on an I/O pin will also have to overcome the transition current.
12. Device operating range is 4.5V to 5.5V; however, device is tested to 4.0V to ensure proper operation at
minimum VRST.
TYPICAL ICC vs. FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com