Electronic Components Datasheet Search
  English  ▼

X  

DS80C320 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button DS80C320 Datasheet HTML 23Page - Maxim Integrated Products DS80C320 Datasheet HTML 24Page - Maxim Integrated Products DS80C320 Datasheet HTML 25Page - Maxim Integrated Products DS80C320 Datasheet HTML 26Page - Maxim Integrated Products DS80C320 Datasheet HTML 27Page - Maxim Integrated Products DS80C320 Datasheet HTML 28Page - Maxim Integrated Products DS80C320 Datasheet HTML 29Page - Maxim Integrated Products DS80C320 Datasheet HTML 30Page - Maxim Integrated Products DS80C320 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
27 of 40
AC ELECTRICAL CHARACTERISTICS—DS80C323
18 MHz
VARIABLE CLOCK
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
External
Oscillator
0
18
0
18
Oscillator
Frequency
External
Crystal
1/tCLCL
1
18
1
18
MHz
ALE Pulse Width
tLHLL
68
1.5tCLCL-15
ns
Port 0 Address Valid
to ALE Low
tAVLL
16
0.5tCLCL-11
ns
Address Hold After
ALE Low
tLLAX1
6
(Note 5)
0.25tCLCL-8
(Note 5)
ns
Address Hold After
ALE Low for MOVX WR
tLLAX2
14
0.5tCLCL-13
ns
ALE Low to Valid
Instruction In
tLLIV
93
2.5tCLCL-46
ns
ALE Low to PSEN Low
tLLPL
4
0.25tCLCL-10
ns
PSEN
Pulse Width
tPLPH
118
2.25tCLCL-7
ns
PSEN
Low to Valid
Instruction In
tPLIV
87
2.25tCLCL-38
ns
Input Instruction Hold
After PSEN
tPXIX
0
0
ns
Input Instruction Float
After PSEN
tPXIZ
51
tCLCL-5
ns
Port 0 Address to Valid
Instruction In
tAVIV1
128
3tCLCL-39
ns
Port 2 Address to Valid
Instruction In
tAVIV2
139
3.5tCLCL-56
ns
PSEN
Low to Address Float
tPLAZ
(Note 5)
(Note 5)
ns
NOTES FOR DS80C323 AC ELECTRICAL CHARACTERISTICS
All parameters apply to both commercial and industrial temperature operation unless otherwise noted. Specifications to -40°C
are guaranteed by design and are not production tested. AC electrical characteristics assume 50% duty cycle for the oscillator,
oscillator frequency > 16MHz, and are not 100% production tested, but are guaranteed by design.
1. All signals rated over operating temperature at 18MHz.
2. All signals characterized with load capacitance of 80pF except Port 0, ALE, PSEN , RD , and WR at 100pF.
Note that loading should be approximately equal for valid timing.
3. Interfacing to memory devices with float times (turn off times) over 35ns may cause contention. This will not
damage the parts, but will cause an increase in operating current.
4. Specifications assume a 50% duty cycle for the oscillator. Port 2 timing will change with the duty cycle
variations.
5. Address is held in a weak latch until over-driven by external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com