Electronic Components Datasheet Search
  English  ▼

X  

DS80C320 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button DS80C320 Datasheet HTML 21Page - Maxim Integrated Products DS80C320 Datasheet HTML 22Page - Maxim Integrated Products DS80C320 Datasheet HTML 23Page - Maxim Integrated Products DS80C320 Datasheet HTML 24Page - Maxim Integrated Products DS80C320 Datasheet HTML 25Page - Maxim Integrated Products DS80C320 Datasheet HTML 26Page - Maxim Integrated Products DS80C320 Datasheet HTML 27Page - Maxim Integrated Products DS80C320 Datasheet HTML 28Page - Maxim Integrated Products DS80C320 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
25 of 40
DC ELECTRICAL CHARACTERISTICS—DS80C323
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Operating Supply Voltage
VCC
2.7
3.0
5.5
V
1
Power-Fail Warning Voltage
VPFW
2.6
2.7
2.8
V
1
Minimum Operating Voltage
VRST
2.5
2.6
2.7
V
1, 12
Supply Current Active Mode at 18MHz
ICC
10
mA
2
Supply Current Idle Mode at 18MHz
IIDLE
6
mA
3
Supply Current Stop Mode,
Bandgap Reference Disabled
ISTOP
0.1
µA
2
Supply Current Stop Mode,
Bandgap Reference Enabled
ISPBG
40
µA
4, 10
Input Low Level
VIL
-0.3
+0.2 x VCC
V
1
Input High Level
(Except XTAL1 and RST)
VIH1
0.7 x VCC
VCC+0.3
V
1
Input High Level XTAL1 and RST
VIH2
0.7 x VCC
+0.25V
VCC+0.3
V
1
Output Low Voltage Ports 1, 3
at IOL = 1.6mA
VOL1
0.4
V
1
Output Low Voltage Ports 0, 2,
PSEN
/ALE at IOL = 3.2mA
VOL2
0.4
V
1, 5
Output High Voltage Ports 1, 3,
PSEN
/ALE at IOH = -15µA
VOH1
VDD
-0.4V
V
1, 6
Output High Voltage Ports 1, 3
at IOH = -1.5mA
VOH2
VDD
-0.4V
V
1, 7
Output High Voltage Ports 0, 2,
PSEN
/ALE at IOH = -2mA
VOH3
VDD
-0.4V
V
1, 5
Input Low Current Ports 1, 3 at 0.45V
IIL
-30
µA
11
Transition Current from 1
³ 0,
Ports 1, 3 at 2V
ITL
-400
µA
8
Input Leakage Port 0, Bus Mode
IL
-300
+300
µA
9
RST Pulldown Resistance
RRST
50
170
k
W
NOTES FOR DS80C323 DC ELECTRICAL CHARACTERISTICS
All parameters apply to both commercial and industrial temperature operation unless otherwise noted. Specifications to -40°C
are guaranteed by design and are not production tested. Device operating range is 2.7V to 5.5V. DC electrical specifications are
for operation 2.7V to 3.3V.
1. All voltages are referenced to ground.
2. Active mode current is measured with an 18MHz clock source driving XTAL1, VCC = RST = 3.3V, all other
pins disconnected.
3. Idle mode current is measured with an 18MHz clock source driving XTAL1, VCC = 3.3V, all other pins
disconnected.
4. Stop mode current measured with XTAL1 and RST grounded, VCC = 3.3V, all other pins disconnected.
5. When addressing external memory. This specification only applies to the first clock cycle following the
transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com