Electronic Components Datasheet Search
  English  ▼

X  

ATR0635 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0635 Datasheet HTML 1Page - ATMEL Corporation ATR0635 Datasheet HTML 2Page - ATMEL Corporation ATR0635 Datasheet HTML 3Page - ATMEL Corporation ATR0635 Datasheet HTML 4Page - ATMEL Corporation ATR0635 Datasheet HTML 5Page - ATMEL Corporation ATR0635 Datasheet HTML 6Page - ATMEL Corporation ATR0635 Datasheet HTML 7Page - ATMEL Corporation ATR0635 Datasheet HTML 8Page - ATMEL Corporation ATR0635 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
• 16-channel GPS Correlator
– 8192 Search Bins with GPS Acquisition Accelerator
– Accuracy: 2.5m CEP (2D, Stand Alone)
– Time to First Fix: 34s (Cold Start)
– Acquisition Sensitivity: –142 dBm (Cold Start, With External LNA)
– Tracking Sensitivity: –158 dBm (With External LNA)
• Utilizes the ARM7TDMI® ARM® Thumb® Processor Core
– High-performance 32-bit RISC Architecture
– EmbeddedICE™ (In-Circuit Emulation)
• 128 Kbytes Internal RAM
• 384 Kbytes Internal ROM with u-blox GPS Firmware SuperSense®
• 1.5-bit ADC On-chip
• Single IF Architecture
• 2 External Interrupts
• 24 User-programmable I/O Lines
• 1 USB Device Port
– Universal Serial Bus (USB) 2.0 Full-speed Device
– Embedded USB V2.0 Full-speed Transceiver
• 2 USARTs
• Master/Slave SPI Interface
– 4 External Slave Chip Selects
• Programmable Watchdog Timer
• Advanced Power Management Controller (APMC)
– Geared Master Clock to Reduce Power Consumption
– Sleep State with Disabled Master Clock
– Hibernate State with 32.768 kHz Master Clock
• Real Time Clock (RTC)
• 1.8V to 3.3V User-definable IO Voltage for Several GPIOs with 5V Tolerance
• 4 KBytes of Battery Backup Memory
• 7 mm
× 10 mm 96 Pin BGA Package, 0.8 mm Pitch, Pb-free, RoHS-compliant
Benefits
• Fully Integrated Design With Low BOM
• No External Flash Memory Required
• Supports NMEA®, UBX Binary and RTCM Protocol for DGPS
• Supports SBAS (WAAS, EGNOS, MSAS)
• Up to 4 Hz Update Rate
• Supports A-GPS (Aiding)
• Excellent Noise Performance
ANTARIS4
Single-chip
GPS Receiver
SuperSense
ATR0635
4928H–GPS–06/08


Similar Part No. - ATR0635

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0635 ATMEL-ATR0635 Datasheet
531Kb / 33P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635-DK1 ATMEL-ATR0635-DK1 Datasheet
634Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635-EK1 ATMEL-ATR0635-EK1 Datasheet
634Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635P1 ATMEL-ATR0635P1 Datasheet
634Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635P1-7KQY ATMEL-ATR0635P1-7KQY Datasheet
634Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
More results

Similar Description - ATR0635

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
GPS Baseband Processor SuperSense
ATR0630 ATMEL-ATR0630 Datasheet
555Kb / 36P
ANTARIS4 Single-chip GPS Receiver
ATR0635 ATMEL-ATR0635 Datasheet
531Kb / 33P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
GPS Baseband Processor SuperSense
ATR0630P1 ATMEL-ATR0630P1 Datasheet
335Kb / 14P
ANTARIS4 Single-chip GPS Receiver
ATR0635P1 ATMEL-ATR0635P1 Datasheet
634Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
logo
Princeton Technology Co...
PT9250 PTC-PT9250 Datasheet
316Kb / 7P
48-channel Single Chip GPS Receiver
PT9250 PTC-PT9250_10 Datasheet
233Kb / 4P
48-channel Single Chip GPS Receiver
logo
ATMEL Corporation
ATR0625P ATMEL-ATR0625P Datasheet
497Kb / 27P
GPS Baseband Processor SuperSense
logo
Princeton Technology Co...
PT9258 PTC-PT9258 Datasheet
309Kb / 7P
Single Chip GPS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com