Electronic Components Datasheet Search
  English  ▼

X  

ATR0635 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATR0635 Datasheet HTML 27Page - ATMEL Corporation ATR0635 Datasheet HTML 28Page - ATMEL Corporation ATR0635 Datasheet HTML 29Page - ATMEL Corporation ATR0635 Datasheet HTML 30Page - ATMEL Corporation ATR0635 Datasheet HTML 31Page - ATMEL Corporation ATR0635 Datasheet HTML 32Page - ATMEL Corporation ATR0635 Datasheet HTML 33Page - ATMEL Corporation ATR0635 Datasheet HTML 34Page - ATMEL Corporation ATR0635 Datasheet HTML 35Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33
4928H–GPS–06/08
ATR0635
13. Package Information
12. Ordering Information
Extended Type Number
Package
MPQ
Remarks
ATR0635-7KQY
BGA96
3000
7mm
× 10 mm, 0.8 mm pitch, Pb-free,
RoHS-compliant
ATR0635-EK1
-
1
Evaluation kit/Road test kit
ATR0635-DK1
-
1
Design kit including design guide and PCB
Gerber files
specifications
according to DIN
technical drawings
Package: BGA96
Dimensions in mm
Top View
Pin A1 Laser Marking
A1 Corner
A1 Corner
C
B
B
0.1 C
0.08 C
C
Seating plane
3. Primary datum
and seating plane are defined by the spherical crowns of the solder balls
C
2.
3.
A
A
123 4
Bottom View
Issue: 2; 31.05.06
Drawing-No.: 6.580-5005.01-4
nm
n
m
5 6 7 8 9 10 11 12
12 11 10
4
5
6
7
8
93 2 1
0.15
0.08
A
B
D
E
F
H
G
C
A
B
D
E
F
H
G
C
0.4±0.05
10±0.05
0.8
8.8
1. All dimensions and tolerance conform to ASME Y 14.5M-1994
Note:
5. Unless otherwise specified tolerance: Decimal ±0.05, Angular ±2
˚
5. Raw ball diameter: 0.4 mm ref.
4. The surface finish of the package shall be EDM CHARMILLE #24 - #27
Dimension is measured at the maximum solder ball diameter, parallel to primary datum C
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com