Electronic Components Datasheet Search
  English  ▼

X  

ATR0635 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0635 Datasheet HTML 1Page - ATMEL Corporation ATR0635 Datasheet HTML 2Page - ATMEL Corporation ATR0635 Datasheet HTML 3Page - ATMEL Corporation ATR0635 Datasheet HTML 4Page - ATMEL Corporation ATR0635 Datasheet HTML 5Page - ATMEL Corporation ATR0635 Datasheet HTML 6Page - ATMEL Corporation ATR0635 Datasheet HTML 7Page - ATMEL Corporation ATR0635 Datasheet HTML 8Page - ATMEL Corporation ATR0635 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
4928H–GPS–06/08
ATR0635
2.2
General Description
The ATR0635 has been designed especially for mobile applications. It provides high isolation
between GPS and cellular bands, as well as very low power consumption.
ATR0635 is based on the successful ANTARIS4 technology which includes the ANTARIS high
performance SuperSense software in ROM, developed by u-blox AG, Switzerland. ANTARIS
provides a proven navigation engine which is used in high-end car navigation systems, auto-
matic vehicle location (AVL), security and surveying systems, traffic control, road pricing, and
speed camera detectors, and provides location-based services (LBS) worldwide.
The ANTARIS4 chipset has a very low power consumption and comes with a very low BoM for
the passive components. Also, as the high performance software SuperSense is available in
ROM, no external flash memory is needed.
The L1 input signal (f
RF) is a Direct Sequence Spread Spectrum (DSSS) signal with a center fre-
quency of 1575.42 MHz. The digital modulation scheme is Bi-Phase-Shift-Keying (BPSK) with a
chip rate of 1.023 Mbps.
2.3
PMSS Logic
The power management, startup and shutdown (PMSS) logic ensures reliable operation within
the recommended operating conditions. The external power control signals PUrf and PUxto are
passed through Schmitt trigger inputs to eliminate voltage ripple and prevent undesired behavior
during start-up and shut-down. Digital and analog supply voltages are analyzed by a monitoring
circuit, enabling the startup of the IC only when it is within a safe operating range.
2.4
VCO/PLL
The frequency synthesizer features a balanced VCO and a fully integrated loop filter, thus no
external components are required. The VCO combines very good phase noise behavior and
excellent spurious suppression.The relation between the reference frequency (f
TCXO) and the
VCO center frequency (f
TCXO) is given by:
f
VCO =fTCXO × 64 = 23.104 MHz × 64 = 1478.656 MHz.
2.5
RF Mixer/Image Filter
Combined with the antenna, an external LNA provides a first band-path filtering of the signal.
Atmel’s ATR0610 is recommended for the LNA due to its low noise figure, high linearity and low
power consumption. The output of the LNA drives a SAW filter, which provides image rejection
for the mixer and the required isolation to all GSM bands. The output of the SAW filter is fed into
a highly linear mixer with high conversion gain and excellent noise performance.
2.6
VGA/AGC
The on-chip automatic gain control (AGC) stage sets the gain of the VGA in order to optimally
load the input of the following analog-to-digital converter. The AGC control loop can be selected
for on-chip closed-loop operation or for baseband controlled gain mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com