Electronic Components Datasheet Search
  English  ▼

X  

ATR0635 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATR0635 Datasheet HTML 10Page - ATMEL Corporation ATR0635 Datasheet HTML 11Page - ATMEL Corporation ATR0635 Datasheet HTML 12Page - ATMEL Corporation ATR0635 Datasheet HTML 13Page - ATMEL Corporation ATR0635 Datasheet HTML 14Page - ATMEL Corporation ATR0635 Datasheet HTML 15Page - ATMEL Corporation ATR0635 Datasheet HTML 16Page - ATMEL Corporation ATR0635 Datasheet HTML 17Page - ATMEL Corporation ATR0635 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
4928H–GPS–06/08
ATR0635
Both USART ports accept input messages in all three supported protocols (NMEA, RTCM and
UBX) at the configured baud rate. Input messages of all three protocols can be arbitrarily mixed.
Response to a query input message will always use the same protocol as the query input mes-
sage. The USB port does only accept NMEA and UBX as input protocol by default. RTCM can
be enabled via protocol messages on demand.
In Auto mode, no output message is sent out by default, but all input messages are accepted at
any supported baud rate. Again, USB is restricted to only NMEA and UBX protocols. Response
to query input commands will be given by the same protocol and baud rate as it was used for the
query command. Using the respective configuration commands, periodic output messages can
be enabled.
The following message settings are used in the tables below:
Table 3-7.
Supported Messages at Setting Low
NMEA Port
Standard
GGA, RMC
UBX Port
NAV
SOL, SVINFO
MON
EXCEPT
Table 3-8.
Supported Messages at Setting Medium
NMEA Port
Standard
GGA, RMC, GSA, GSV, GLL, VTG, ZDA
UBX Port
NAV
SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF,
VELNED, TIMEGPS, TIMEUTC, CLOCK
Table 3-9.
Supported Messages at Setting High
NMEA Port
Standard
GGA, RMC, GSA, GSV, GLL, VTG, ZDA, GRS, GST
Proprietary
PUBX00, PUBX03, PUBX04
UBX Port
NAV
SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF,
VELNED, TIMEGPS, TIMEUTC, CLOCK
MON
SCHD, IO, IPC, EXCEPT
Table 3-10.
Supported Messages at Setting Debug (Additional Undocumented Message May
be Part of Output Data)
NMEA Port
Standard
GGA, RMC, GSA, GSV, GLL, VTG, ZDA, GRS, GST
Proprietary
PUBX00, PUBX03, PUBX04
UBX Port
NAV
SOL, SVINFO, POSECEF, POSLLH, STATUS, DOP, VELECEF,
VELNED, TIMEGPS, TIMEUTC, CLOCK
MON
SCHD, IO, IPC, EXCEPT
RXM
RAW (RAW message support requires an additional license)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com