Electronic Components Datasheet Search
  English  ▼

X  

ATR0635 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATR0635 Datasheet HTML 27Page - ATMEL Corporation ATR0635 Datasheet HTML 28Page - ATMEL Corporation ATR0635 Datasheet HTML 29Page - ATMEL Corporation ATR0635 Datasheet HTML 30Page - ATMEL Corporation ATR0635 Datasheet HTML 31Page - ATMEL Corporation ATR0635 Datasheet HTML 32Page - ATMEL Corporation ATR0635 Datasheet HTML 33Page - ATMEL Corporation ATR0635 Datasheet HTML 34Page - ATMEL Corporation ATR0635 Datasheet HTML 35Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
32
4928H–GPS–06/08
ATR0635
11. Power Consumption
Table 11-1.
Power Consumption
Mode
Conditions
Typ.
Unit
Type*
Sleep
At 1.8V, no CLK23
0.065
mA
C
Shutdown
RTC, backup SRAM and LDOBAT
0.007
C
Normal
Satellite acquisition
40
C
Normal tracking on 6 channels with 1 fix/s; each
additional active tracking channel adds 0.5 mA
29
C
All channels disabled
26
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design
parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com