Electronic Components Datasheet Search
  English  ▼

X  

F75111R Datasheet(PDF) 10 Page - Feature Integration Technology Inc.

Part # F75111R
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111R Datasheet(HTML) 10 Page - Feature Integration Technology Inc.

Back Button F75111R Datasheet HTML 6Page - Feature Integration Technology Inc. F75111R Datasheet HTML 7Page - Feature Integration Technology Inc. F75111R Datasheet HTML 8Page - Feature Integration Technology Inc. F75111R Datasheet HTML 9Page - Feature Integration Technology Inc. F75111R Datasheet HTML 10Page - Feature Integration Technology Inc. F75111R Datasheet HTML 11Page - Feature Integration Technology Inc. F75111R Datasheet HTML 12Page - Feature Integration Technology Inc. F75111R Datasheet HTML 13Page - Feature Integration Technology Inc. F75111R Datasheet HTML 14Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
July, 2007
V0.27P
- 8 -
F75111
6. Functional Description
6.1 General Description
Dedicate GPIO functions. That includes two sets of watchdog timer. One Set of Watchdog timer timeout unit is set to second
and range is 0 to 127 seconds. The other Watchdog timer is set to second or minute and the range is 0 to 256 seconds or minutes.
When the timeout has occurred, that will generate a status bit to indicate it and write one will be clear. All GPIO can be programmed
to logic one or zero or high pulse or low pulse.
6.2 Access Interface
The F75111 provides one serial access interface, I2C Bus, to read/write internal registers. The address of Serial Bus is
configurable by using power-on trapping of standby power VBS3V. The pin 3 (GPIO13/I2C _ADDR) is multi-function pin. During the
VSB3V power-on, this pin serves as input detection of logic high or logic low. This pin is default pull-down resistor with 100K ohms
mapping the Serial Bus address 0x9C (1001_1100). Another Serial Bus address 0x6E (0110_1110) is set when external pull-up
resistor with 10K ohms is connected in this pin.
6.3 The SMBus access timing are shown as follow:
(a) SMBus write to internal address register followed by the data byte
0
Start By
Master
0
1
011
0
1
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
111
R/W
Ack
by
111
SCL
SDA
D7
D6
D5
D4
D3
D2
D1
D0
Stop
by
Master
SCL
SDA (Continued)
78
0
7
8
0
78
Frame 2
Internal Index Register Byte
(Continued)
Frame 3
Data Byte
Frame 1
Serial Bus Address Byte
Figure 1. Serial Bus Write to Internal Address Register followed by the Data Byte
(b) Serial bus write to internal address register only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com