Electronic Components Datasheet Search
  English  ▼

X  

F75111R Datasheet(PDF) 28 Page - Feature Integration Technology Inc.

Part # F75111R
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111R Datasheet(HTML) 28 Page - Feature Integration Technology Inc.

Back Button F75111R Datasheet HTML 24Page - Feature Integration Technology Inc. F75111R Datasheet HTML 25Page - Feature Integration Technology Inc. F75111R Datasheet HTML 26Page - Feature Integration Technology Inc. F75111R Datasheet HTML 27Page - Feature Integration Technology Inc. F75111R Datasheet HTML 28Page - Feature Integration Technology Inc. F75111R Datasheet HTML 29Page - Feature Integration Technology Inc. F75111R Datasheet HTML 30Page - Feature Integration Technology Inc. F75111R Datasheet HTML 31Page - Feature Integration Technology Inc. F75111R Datasheet HTML 32Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
July, 2007
V0.27P
- 26 -
F75111
by 0x2C bit6.
5
GP25_ENDB
R/W
VSB3V
Enable GPIO25 input de-bounce with 7u or 25ms second that selected
by 0x2C bit5.
4
GP24_ENDB
R/W
VSB3V
Enable GPIO24 input de-bounce with 7u or 25ms second that selected
by 0x2C bit4.
3
GP23_ENDB
R/W
VSB3V
Enable GPIO23 input de-bounce with 7u or 25ms second that selected
by 0x2C bit3.
2
GP22_ENDB
R/W
VSB3V
Enable GPIO22 input de-bounce with 7u or 25ms second that selected
by 0x2C bit2.
1
GP21_ENDB
R/W
VSB3V
Enable GPIO21 input de-bounce with 7u or 25ms second that selected
by 0x2C bit1.
0
GP20_ENDB
R/W
VSB3V
Enable GPIO20 input de-bounce with 7u or 25ms second that selected
by 0x2C bit0.
7.30 GPIO2x Pulse Inverse Register – Index 27h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP27_PULSINV
R/W
VSB3V
GPIO 27 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR24.
6
GP26_PULSINV
R/W
VSB3V
GPIO 26 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR24.
5
GP25_PULSINV
R/W
VSB3V
GPIO25 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR24.
4
GP24_PULSINV
R/W
VSB3V
GPIO24 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR24.
3
GP23_PULSINV
R/W
VSB3V
GPIO23 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR24.
2
GP22_PULSINV
R/W
VSB3V
GPIO22 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com