Electronic Components Datasheet Search
  English  ▼

X  

F75111R Datasheet(PDF) 20 Page - Feature Integration Technology Inc.

Part # F75111R
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111R Datasheet(HTML) 20 Page - Feature Integration Technology Inc.

Back Button F75111R Datasheet HTML 16Page - Feature Integration Technology Inc. F75111R Datasheet HTML 17Page - Feature Integration Technology Inc. F75111R Datasheet HTML 18Page - Feature Integration Technology Inc. F75111R Datasheet HTML 19Page - Feature Integration Technology Inc. F75111R Datasheet HTML 20Page - Feature Integration Technology Inc. F75111R Datasheet HTML 21Page - Feature Integration Technology Inc. F75111R Datasheet HTML 22Page - Feature Integration Technology Inc. F75111R Datasheet HTML 23Page - Feature Integration Technology Inc. F75111R Datasheet HTML 24Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
July, 2007
V0.27P
- 18 -
F75111
7.15 GPIO1x Pull-up Resistor Control Register – Index 15h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP17_RESON
R/W
VSB3V
Set to 1, turn on the GPIO17 internal pull-up resistor.
6
GP16_RESON
R/W
VSB3V
Set to 1, turn on the GPIO16 internal pull-up resistor.
5
GP15_RESON
R/W
VSB3V
Set to 1, turn on the GPIO15 internal pull-up resistor.
4
GP14_RESON
R/W
VSB3V
Set to 1, turn on the GPIO14 internal pull-up resistor.
3
Reserved
R/W
VSB3V
2
GP12_RESON
R/W
VSB3V
Set to 1, turn on the GPIO12 internal pull-up resistor. If this pin serves
as IRQ/SMI#, this bit also control IRQ/SMI# pull-up switch.
1
GP11_RESON
R/W
VSB3V
Set to 1, turn on the GPIO11 internal pull-up resistor.
0
GP10_RESON
R/W
VSB3V
Set to 1, turn on the GPIO10 internal pull-up resistor.
7.16 GPIO1x Input De-bounce Register – Index 16h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP17_ENDB
R/W
VSB3V
Enable GPIO17 input de-bounce with 7u or 25ms second that selected
by 0x1C bit7.
6
GP16_ENDB
R/W
VSB3V
Enable GPIO16 input de-bounce with 7u or 25ms second that selected
by 0x1C bit6.
5
GP15_ENDB
R/W
VSB3V
Enable GPIO15 input de-bounce with 7u or 25ms second that selected
by 0x1C bit5.
4
GP14_ENDB
R/W
VSB3V
Enable GPIO14 input de-bounce with 7u or 25ms second that selected
by 0x1C bit4.
3
GP13_ENDB
R/W
VSB3V
Enable GPIO13 input de-bounce with 7u or 25ms second that selected
by 0x1C bit3.
2
GP12_ENDB
R/W
VSB3V
Enable GPIO12 input de-bounce with 7u or 25ms second that selected
by 0x1C bit2.
1
GP11_ENDB
R/W
VSB3V
Enable GPIO11 input de-bounce with 7u or 25ms second that selected
by 0x1C bit1.
0
GP10_ENDB
R/W
VSB3V
Enable GPIO10 input de-bounce with 7u or 25ms second that selected
by 0x1C bit0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com