Electronic Components Datasheet Search
  English  ▼

X  

F75111R Datasheet(PDF) 24 Page - Feature Integration Technology Inc.

Part # F75111R
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111R Datasheet(HTML) 24 Page - Feature Integration Technology Inc.

Back Button F75111R Datasheet HTML 20Page - Feature Integration Technology Inc. F75111R Datasheet HTML 21Page - Feature Integration Technology Inc. F75111R Datasheet HTML 22Page - Feature Integration Technology Inc. F75111R Datasheet HTML 23Page - Feature Integration Technology Inc. F75111R Datasheet HTML 24Page - Feature Integration Technology Inc. F75111R Datasheet HTML 25Page - Feature Integration Technology Inc. F75111R Datasheet HTML 26Page - Feature Integration Technology Inc. F75111R Datasheet HTML 27Page - Feature Integration Technology Inc. F75111R Datasheet HTML 28Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
July, 2007
V0.27P
- 22 -
F75111
5
EN_GP15_OBUF
R/W
VSB3V
Enable GPIO15 drive high buffer. If this bit is set to 0, the pin GPIO15
will be I/OD pin, if set to 1 the pin GPIO15 is I/O pin.
4
EN_GP14_OBUF
R/W
VSB3V
Enable GPIO14 drive high buffer. If this bit is set to 0, the pin GPIO14
will be I/OD pin, if set to 1 the pin GPIO14 is I/O pin.
3
EN_GP13_OBUF
R/W
VSB3V
Enable GPIO13 drive high buffer. If this bit is set to 0, the pin GPIO13
will be I/OD pin, if set to 1 the pin GPIO13 is I/O pin(default).
2
EN_GP12_OBUF
R/W
VSB3V
Enable GPIO12 drive high buffer. If this bit is set to 0, the pin GPIO12
will be I/OD pin, if set to 1 the pin GPIO12 is I/O pin.
1
EN_GP11_OBUF
R/W
VSB3V
Enable GPIO11 drive high buffer. If this bit is set to 0, the pin GPIO11
will be I/OD pin, if set to 1 the pin GPIO11 is I/O pin.
0
EN_GP10_OBUF
R/W
VSB3V
Enable GPIO10 drive high buffer. If this bit is set to 0, the pin GPIO10
will be I/OD pin, if set to 1 the pin GPIO10 is I/O pin.
7.22 GP1X Output Driving Enable – Index 0x1C
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
DB_TIME17_SEL
R/W
VSB3V
Select GPIO17 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
6
DB_TIME16_SEL
R/W
VSB3V
Select GPIO16 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
5
DB_TIME15_SEL
R/W
VSB3V
Select GPIO15 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
4
DB_TIME14_SEL
R/W
VSB3V
Select GPIO14 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
3
DB_TIME13_SEL
R/W
VSB3V
Select GPIO13 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
2
DB_TIME12_SEL
R/W
VSB3V
Select GPIO12 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
1
DB_TIME11_SEL
R/W
VSB3V
Select GPIO11 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
0
DB_TIME10_SEL
R/W
VSB3V
Select GPIO10 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com