Electronic Components Datasheet Search
  English  ▼

X  

F75111R Datasheet(PDF) 37 Page - Feature Integration Technology Inc.

Part # F75111R
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111R Datasheet(HTML) 37 Page - Feature Integration Technology Inc.

Back Button F75111R Datasheet HTML 33Page - Feature Integration Technology Inc. F75111R Datasheet HTML 34Page - Feature Integration Technology Inc. F75111R Datasheet HTML 35Page - Feature Integration Technology Inc. F75111R Datasheet HTML 36Page - Feature Integration Technology Inc. F75111R Datasheet HTML 37Page - Feature Integration Technology Inc. F75111R Datasheet HTML 38Page - Feature Integration Technology Inc. F75111R Datasheet HTML 39Page - Feature Integration Technology Inc. F75111R Datasheet HTML 40Page - Feature Integration Technology Inc. F75111R Datasheet HTML 41Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
July, 2007
V0.27P
- 35 -
F75111
Bit
Name
R/W
PWR
Description
7-4
Reserved
RO
VSB3V
Read back will be zero
3
STS_GP33EDGE
R/W
VSB3V
Indicate GPIO33 Edge Status. If set to 1, the edge of GPIO33 has
occurred. Write 1 to clear this bit. Writing 0 is invalid.
2
STS_GP32EDGE
R/W
VSB3V
Indicate GPIO32 Edge Status. If set to 1, the edge of GPIO32 has
occurred. Write 1 to clear this bit. Writing 0 is invalid.
1
STS_GP31EDGE
R/W
VSB3V
Indicate GPIO31
Edge Status. If set to 1, the edge of GPIO31 has
occurred. Write 1 to clear this bit. Writing 0 is invalid.
0
STS_GP30EDGE
R/W
VSB3V
Indicate GPIO10 Edge Status. If set to 1, the edge of GPIO30 has
occurred. Write 1 to clear this bit. Writing 0 is invalid.
7.49 GP3X IRQ or SMI# Enable Register – Index 0x4A
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-4
Reserved
RO
VSB3V
Read back will be zero
3
EN_GP33IRQ
R/W
VSB3V
Enable GPIO33 IRQ or SMI# Generation. If this bit set to 1, enable
GPIO33 to generate IRQ or SMI#.
2
EN_GP32IRQ
R/W
VSB3V
Enable GPIO32 IRQ or SMI# Generation. If this bit set to 1, enable
GPIO32 to generate IRQ or SMI#.
1
EN_GP31IRQ
R/W
VSB3V
Enable GPIO31 IRQ or SMI# Generation. If this bit set to 1, enable
GPIO31 to generate IRQ or SMI#.
0
EN_GP30IRQ
R/W
VSB3V
Enable GPIO30 IRQ or SMI# Generation. If this bit set to 1, enable
GPIO30 to generate IRQ or SMI#.
7.50 GP3X Output Driving Enable – Index 0x4C
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-4
Reserved
RO
VSB3V
Read back will be zero
3
DB_TIME33_SEL
R/W
VSB3V
Select GPIO33 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
2
DB_TIME32_SEL
R/W
VSB3V
Select GPIO32 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com