Electronic Components Datasheet Search
  English  ▼

X  

F75111R Datasheet(PDF) 38 Page - Feature Integration Technology Inc.

Part # F75111R
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111R Datasheet(HTML) 38 Page - Feature Integration Technology Inc.

Back Button F75111R Datasheet HTML 34Page - Feature Integration Technology Inc. F75111R Datasheet HTML 35Page - Feature Integration Technology Inc. F75111R Datasheet HTML 36Page - Feature Integration Technology Inc. F75111R Datasheet HTML 37Page - Feature Integration Technology Inc. F75111R Datasheet HTML 38Page - Feature Integration Technology Inc. F75111R Datasheet HTML 39Page - Feature Integration Technology Inc. F75111R Datasheet HTML 40Page - Feature Integration Technology Inc. F75111R Datasheet HTML 41Page - Feature Integration Technology Inc. F75111R Datasheet HTML 42Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
July, 2007
V0.27P
- 36 -
F75111
1
DB_TIME31_SEL
R/W
VSB3V
Select GPIO31 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
0
DB_TIME30_SEL
R/W
VSB3V
Select GPIO30 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
7.51 CHIPID(1) Register – Index 5Ah
Power-on default [7:0] =0000_0011b
Bit
Name
R/W
PWR
Description
7-0
CHIPID
RO
VSB3V
Chip ID, High byte (8’h03).
7.52 CHIPID(2) Register – Index 5Bh
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-0
CHIPID
RO
VSB3V
Chip ID, Low byte (8’h00).
7.53 VENDOR ID(1) Register – Index 5Dh
Power-on default [7:0] =0001_1001b
Bit
Name
R/W
PWR
Description
7-0
VENDOR1
RO
VSB3V
Vendor ID, 8’h19
7.54 VENDOR ID(2) Register – Index 5Eh
Power-on default [7:0] =0011_0100b
Bit
Name
R/W
PWR
Description
7-0
VENDOR2
RO
VSB3V
Vendor ID, 8h34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com