Electronic Components Datasheet Search
  English  ▼

X  

K70 Datasheet(PDF) 68 Page - Altech corporation

Part # K70
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K70 Datasheet(HTML) 68 Page - Altech corporation

Back Button K70 Datasheet HTML 60Page - Altech corporation K70 Datasheet HTML 61Page - Altech corporation K70 Datasheet HTML 62Page - Altech corporation K70 Datasheet HTML 63Page - Altech corporation K70 Datasheet HTML 64Page - Altech corporation K70 Datasheet HTML 65Page - Altech corporation K70 Datasheet HTML 66Page - Altech corporation K70 Datasheet HTML 67Page - Altech corporation K70 Datasheet HTML 68Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
121
113
A
A
PCB 1
DIN Rail
2.4
1.5
90
Print area 82 x 43.6
21.1
21.1
21.1
16
A-A
PCB 2
PCB 3
PCB 4
99.5
92
A
A
PCB 1
DIN Rail
2.4
1.5
90
Print area 82 x 43.6
21.1
21.1
21.1
16
A-A
PCB 2
PCB 3
PCB 4
9.8
1
4.6
16x1
1
33.9
38.2
47.7
54.1
58.4
67.9
74.9
1.5 thick
9.8
1
4.6
16x1
1
33.9
38.2
47.7
54.1
58.4
67.9
74.9
1.5 thick
Part Number
Type
Description
PCB Connection
90.960
KO4326
Right Angle Pins
Machine Solder
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
Part Number
Type
Description
PCB Connection
90.970
KO4306
Right Angle Pins
Machine Solder
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Terminal Block Material:
Glass-filled Polyamide
Temperature Range:
Up to 115°C (239°F), Housing
290°C (554°F), Terminals
Flammability Rating:
UL94 V-O
Color: Light Gray
Terminal Type:
Screw / Rising Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(8) Vertical
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
64 Terminal
Vertical PCB
PCB DRAWING (To convert to inches divide by 25.4.)
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Terminal Block Material:
Glass-filled Polyamide
Temperature Range:
Up to 115°C (239°F), Housing
290°C (554°F), Terminals
Flammability Rating:
UL94 V-O
Color: Light Gray
Terminal Type:
Screw / Rising Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(8) Vertical
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
64 Terminal
Tall Vertical PCB
PCB DRAWING (To convert to inches divide by 25.4.)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
71
KO4300 Enclosure Series
reduced component
height 1.65mm solder side,
15.35mm component side
unused space,
no conducting material
unused space
reduced component
height 1.65mm solder side,
15.35mm component side
unused space,
no conducting material
unused space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com