Electronic Components Datasheet Search
  English  ▼

X  

K70 Datasheet(PDF) 45 Page - Altech corporation

Part # K70
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K70 Datasheet(HTML) 45 Page - Altech corporation

Back Button K70 Datasheet HTML 41Page - Altech corporation K70 Datasheet HTML 42Page - Altech corporation K70 Datasheet HTML 43Page - Altech corporation K70 Datasheet HTML 44Page - Altech corporation K70 Datasheet HTML 45Page - Altech corporation K70 Datasheet HTML 46Page - Altech corporation K70 Datasheet HTML 47Page - Altech corporation K70 Datasheet HTML 48Page - Altech corporation K70 Datasheet HTML 49Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
118
107
10
2.5
121
DIN Rail
100
94
63
1
2
3
Part Number
Type
Description
PCB Connection
90.440
KO4717A
Solid Cover
Machine
Solderable Pins
90.441
KO4717A
Removable Cover
Machine
Panel, Tan
Solderable Pins
90.442
KO4717A
Removable Cover
Machine
Panel, Clear
Solderable Pins
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
*Panel Mount Tab (need 2)
93.001.2
PMA
ORDERING INFORMATION
ACCESSORIES
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O (V-2 clear panel)
Color:
Black Housing with Tan Cover
Terminal Type:
Box Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(5) Vertical
(1) Behind Cover
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
30 Terminal
Solder
Connection
1.5 thick
3
75.6
5.4
59.4
7
96.5
1
PCB DRAWING (To convert to inches divide by 25.4.)
1.5 thick
92.5
1.5
3
2
1.5 thick
Ø3.2
91
85
3
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
unused space
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
48
KO4700 Enclosure Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com