Electronic Components Datasheet Search
  English  ▼

X  

K70 Datasheet(PDF) 8 Page - Altech corporation

Part # K70
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K70 Datasheet(HTML) 8 Page - Altech corporation

Back Button K70 Datasheet HTML 4Page - Altech corporation K70 Datasheet HTML 5Page - Altech corporation K70 Datasheet HTML 6Page - Altech corporation K70 Datasheet HTML 7Page - Altech corporation K70 Datasheet HTML 8Page - Altech corporation K70 Datasheet HTML 9Page - Altech corporation K70 Datasheet HTML 10Page - Altech corporation K70 Datasheet HTML 11Page - Altech corporation K70 Datasheet HTML 12Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
DIN Rail
43
9
112
114
116
98
82
11
15
14
100
77
25
6
7
9
86
79
19
2
2
1
2
3
5
4
14
6
8.6
Ø1.6
4
8.6
6.4
6.6
1.5 thick
65
R
2.
5
1.5 thick
143
1.5 thick
145.5
126
133
3.4
8.1
1.5 thick
136
129
1.5 thick
51
34
65.5
1
4
5
2
3
65
51
83.5
4
8.6
65.5
34
15.5
95
91
96
87.1
3.4
5.5
49
42.3
12
4
5
3
1.5 thick
1.5 thick
1.5 thick
1.5 thick
1.5 thick
* Note: Need two Terminal Covers.
* Note: Need two Terminal Covers.
Part Number
Type
Description
PCB Connection
90.090
K70100P
Single Level
Wire Jumper/
Terminals
Solder Pin/ Card Edge
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Terminal Covers*
90.080.1
K70100/TC1
Electrical:
10A, 300V, 22-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations
(4) Vertical (6) Horizontal
(1) Behind Cover
Mounting:
35mm DIN Rail or
panel mount
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
20 Terminal
Pluggable Connection
PCB DRAWING (To convert to inches divide by 25.4.)
DIN Rail
150
9
7
17
44
9
7
2
146
98
24
17
13
112
114
116
5
1
2
3
4
Part Number
Type
Description
PCB Connection
90.100
K70150P
Single Level
Wire Jumper/
Terminals
Solder Pin/ Card Edge
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Terminal Cover*
90.100.1
K70150P/TC1
Electrical:
10A, 300V, 22-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations
(9) Vertical (6) Horizontal
(1) Behind Cover
Mounting:
35mm DIN Rail or
panel mount
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
32 Terminal
Pluggable Connection
PCB DRAWING (To convert to inches divide by 25.4.)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
11
K70 Enclosure Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com