Electronic Components Datasheet Search
  English  ▼

X  

K70 Datasheet(PDF) 42 Page - Altech corporation

Part # K70
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K70 Datasheet(HTML) 42 Page - Altech corporation

Back Button K70 Datasheet HTML 38Page - Altech corporation K70 Datasheet HTML 39Page - Altech corporation K70 Datasheet HTML 40Page - Altech corporation K70 Datasheet HTML 41Page - Altech corporation K70 Datasheet HTML 42Page - Altech corporation K70 Datasheet HTML 43Page - Altech corporation K70 Datasheet HTML 44Page - Altech corporation K70 Datasheet HTML 45Page - Altech corporation K70 Datasheet HTML 46Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
1.5 thick
3
96.5
77.4
4
8.6
1
1.5 thick
92.5
1.5
3
2
1.5 thick
32
26
3
unused space
1.5 thick
41
43
37.8
2
5.4
40
10°
1
2.5
DIN Rail
41
33
45
121
108
120
1
118
107
10
2.5
121
63
100
94
DIN Rail
2
3
1
Part Number
Type
Description
PCB Connection
90.320
KO4763P
Solid Cover
Card Edge
90.321
KO4763P
Removable Cover
Card Edge
Panel, Tan
90.322
KO4763P
Removable Cover
Card Edge
Panel, Clear
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
Part Number
Type
Description
PCB Connection
90.350
KO4718P
Solid Cover
Card Edge/
Wire Jumper
90.351
KO4718P
Removable Cover
Card Edge/
Panel, Tan
Wire Jumper
90.352
KO4718P
Removable Cover
Card Edge/
Panel, Clear
Wire Jumper
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
*Panel Mount Tab (need 2)
93.001.2
PMA
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
Electrical:
10A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O (V-2 clear panel)
Color:
Black Housing with Tan Cover
Terminal Type:
Box Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(2) Vertical
(1) Horizontal
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
16 Terminal
Pluggable
Connection
PCB DRAWING (To convert to inches divide by 25.4.)
Electrical:
10A, 300V, 22-14 AWG
Housing Material:
Glass-filled Polycarbonate
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O (V-2 clear panel)
Color:
Black Housing with Tan Cover
Terminal Type:
Screw / Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(5) Vertical
(1) Horizontal behind cover
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
20 Terminal
Pluggable
Connection
PCB DRAWING (To convert to inches divide by 25.4.)
unused space
KO4700 Enclosure Series
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com