Electronic Components Datasheet Search
  English  ▼

X  

K70 Datasheet(PDF) 41 Page - Altech corporation

Part # K70
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K70 Datasheet(HTML) 41 Page - Altech corporation

Back Button K70 Datasheet HTML 37Page - Altech corporation K70 Datasheet HTML 38Page - Altech corporation K70 Datasheet HTML 39Page - Altech corporation K70 Datasheet HTML 40Page - Altech corporation K70 Datasheet HTML 41Page - Altech corporation K70 Datasheet HTML 42Page - Altech corporation K70 Datasheet HTML 43Page - Altech corporation K70 Datasheet HTML 44Page - Altech corporation K70 Datasheet HTML 45Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
5.4
1.5 thick
37.8
43
32.4
40
1
1.5 thick
55.8
5
1.5 thick
65.4
34.4
63
2
5.4
1.5 thick
37.8
43
32.4
40
1
1.5 thick
55.8
5
1.5 thick
65.4
34.4
63
2
2.5
DIN Rail
41
33
45
121
108
120
2
1
5
2.5
DIN Rail
41
33
45
121
108
120
2
1
5
Part Number
Type
Description
PCB Connection
90.290
KO4763A
Solid Cover
Machine
Solderable Pins
90.291
KO4763A
Removable Cover
Machine
Panel, Tan
Solderable Pins
90.292
KO4763A
Removable Cover
Machine
Panel, Clear
Solderable Pins
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O (V-2 clear panel)
Color:
Black Housing with Tan Cover
Terminal Type:
Box Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(2) Vertical
(1) Horizontal
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
16 Terminal
Solder
Connection
PCB DRAWING (To convert to inches divide by 25.4.)
Part Number
Type
Description
PCB Connection
90.300
KO4763B
Solid Cover
Wire
Jumper
90.301
KO4763B
Removable Cover
Wire
Panel, Tan
Jumper
90.302
KO4763B
Removable Cover
Wire
Panel, Clear
Jumper
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O (V-2 clear panel)
Color:
Black Housing with Tan Cover
Terminal Type:
Box Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(2) Vertical
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
16 Terminal
Solder/Tab
Connection
PCB DRAWING (To convert to inches divide by 25.4.)
unused space
unused space
KO4700 Enclosure Series
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com