Electronic Components Datasheet Search
  English  ▼

X  

K70 Datasheet(PDF) 4 Page - Altech corporation

Part # K70
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K70 Datasheet(HTML) 4 Page - Altech corporation

  K70 Datasheet HTML 1Page - Altech corporation K70 Datasheet HTML 2Page - Altech corporation K70 Datasheet HTML 3Page - Altech corporation K70 Datasheet HTML 4Page - Altech corporation K70 Datasheet HTML 5Page - Altech corporation K70 Datasheet HTML 6Page - Altech corporation K70 Datasheet HTML 7Page - Altech corporation K70 Datasheet HTML 8Page - Altech corporation K70 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
* Note: Need one of each Terminal Cover.
7
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
M4
DIN Rail
5
97
88
22.5
2
18
12
1
Part Number
Type
Description
PCB Connection
90.020
K7022.5B
Double Level
Wire Jumper/
Terminals
Fast On
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Terminal Covers*
90.020.1/90.020.2
K7022.5BTC1/TC2
Electrical:
20A, 300V, 24-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M2.5
Recommended Torque:
0.8Nm
PCB Locations:
(2) Vertical
Mounting:
35mm DIN Rail or
panel mount
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
12 Terminal
Solder/Tab Connection
70
1
2
22
1.5
30°
6
1.5 thick
unusable space
1
PCB DRAWING (To convert to inches divide by 25.4.)
29
DIN Rail
3
2
1
32 1
46
5
65 4
M4
22.5
94
99
90
2
18
12
1
Part Number
Type
Description
PCB Connection
90.030
K7022.5C Shrouded Double
Wire Jumper/
Level Terminals
Machine Solderable Pins
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Electrical:
20A, 300V, 22-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations:
(2) Vertical
Mounting:
35mm DIN Rail or
panel mount
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
12 Terminal
Solder Connection
1.5 thick
1
1
2
2
3
3
4
4
5
5
6
6
53.7
12
6.4
5
26.5
5
89
68.9
55
5.6
R1
R1
Ø1.2
33°
6.4
unusable space
1
PCB DRAWING (To convert to inches divide by 25.4.)
K70 Enclosure Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com