Electronic Components Datasheet Search
  English  ▼

X  

LT3750 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3750
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology LT3750 Datasheet HTML 10Page - Linear Technology LT3750 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3750
3750fa
OPERATIO
a rate (VTRANS – VDS(ON))/LPRI. The input voltage is mir-
rored on the secondary winding –N • (VTRANS – VDS(ON))
which reverse biases the diode and prevents current flow
in the secondary winding. Thus, energy is stored in the
core of the transformer.
3. Secondary Energy Transfer
When current limit is reached, the current limit compara-
tor resets the NMOS on-latch and the device enters the
third phase of operation, secondary energy transfer. The
energy stored in the transformer core forward biases the
diode and current flows into the output capacitor. During
this time, the output voltage (neglecting the diode drop) is
reflected back to the primary coil. If the target output
voltage is reached, the VOUT comparator resets the master
latch and the DONE pin goes low. Otherwise, the device
enters the next phase of operation.
4. Discontinuous Mode Detection
Once all the current is transferred to the output capacitor,
(VOUT + VDIODE)/N will appear across the primary winding.
A transformer with no energy cannot support a DC voltage,
so, the voltage across the primary will decay to zero. In
other words, the drain of the NMOS will ring down from
VTRANS + (VOUT + VDIODE)/N to VTRANS. When the drain
voltage falls to VTRANS + 36mV, the DCM comparator sets
the NMOS on-latch and a new charge cycle begins. Steps
2-4 continue until the target output voltage is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com