Electronic Components Datasheet Search
  English  ▼

X  

LT3750 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3750
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 4 Page - Linear Technology

  LT3750 Datasheet HTML 1Page - Linear Technology LT3750 Datasheet HTML 2Page - Linear Technology LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT3750
3750fa
PI FU CTIO S
VTRANS (Pin 1): Transformer Supply Pin. Powers the
primary coil of the transformer as well as internal circuitry
that performs boundary mode detection. Bypass at the pin
with a 1
µF to 10µF capacitor. Bypass the primary winding
of the transformer with a large capacitor.
DONE (Pin 2): Open Collector Indication Pin. When target
output voltage is reached, an NPN transistor turns on.
Requires a pull-up resistor or current source. Any fault
conditions such as thermal shutdown or undervoltage
lockout will also turn on the NPN.
CHARGE (Pin 3): Charge Pin. Initiates a new charge cycle
when brought high or discontinues charging and puts part
into shutdown when low. To properly enable the device, a
step input with a minimum ramp rate of 1V/
µs is required.
Drive to 1.1V or higher to enable the device; drive below
0.2V to disable the device.
VCC (Pin 4): Input Supply Pin. Bypass locally with a
ceramic capacitor. A 1
µFto10µFceramiccapacitorshould
be sufficient for most applications.
GND (Pin 5): Ground Pin. Connect directly to local ground
plane.
SOURCE (Pin 6): Source Pin. Senses NMOS drain current.
Connect NMOS source terminal and current sense resistor
to this pin. The current limit is 78mV/RSENSE.
GATE (Pin 7): Gate Pin. Connect NMOS gate terminal to
this pin. Internal gate driver will drive voltage to within
VCC – 2V during each switching cycle.
RDCM (Pin 8): Discontinuous Mode Sense Pin. Senses
when current in transformer has decayed to zero and ini-
tiates a new charge cycle if output voltage target has not
been reached. Place a resistor between this pin and the drain
of the NMOS. A good choice is a 43k, 5% resistor.
RVOUT (Pin 9): Output Voltage VI Converter Pin. Develops
a current proportional to output capacitor voltage. Con-
nect a resistor between this pin and the drain of the NMOS.
RBG (Pin 10): Output Voltage Sense Pin. Senses the
voltage across the RBG resistor, which is proportional to
the current flowing into the RVOUT pin. When voltage
equals 1.24V, charging is disabled and DONE pin goes
low. Connect a resistor (2.5k or less is recommended)
from this pin to GND. A 2.49k, 1% resistor is a good
choice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com