Electronic Components Datasheet Search
  English  ▼

X  

LT3750 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3750
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 1 Page - Linear Technology

  LT3750 Datasheet HTML 1Page - Linear Technology LT3750 Datasheet HTML 2Page - Linear Technology LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3750
3750fa
■ Emergency Warning Beacons
■
Professional Photoflash Systems
■
Security/Inventory Control Systems
■
High Voltage Power Supply
■
Electric Fences
■
Detonators
Capacitor Charger
Controller
■
Charges Any Size Capacitor
■
Easily Adjustable Output Voltage
■
Drives High Current NMOS FETs
■
Primary-Side Sense—No Output Voltage Divider
Necessary
■
Wide Input Range: 3V to 24V
■
Drives Gate to VCC – 2V
■
Available in 10-Lead MS Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents, including 6518733, 6636021.
The LT
®3750 is a flyback converter designed to rapidly
charge large capacitors to a user-adjustable target volt-
age. A patented boundary mode control scheme* mini-
mizes transition losses and reduces transformer size. The
transformer turns ratio and two external resistors easily
adjust the output voltage.* A low 78mV current sense
accurately limits peak switch current and also helps to
maximize efficiency. With a wide input voltage range, the
LT3750 can operate from a variety of power sources. A
typical application can charge a 100
µF capacitor to 300V
in less than 300ms.
The CHARGE pin gives full control of the LT3750 to the
user. The DONE pin indicates when the capacitor has
reached its programmed value and the part has stopped
charging.
VCC
DONE
CHARGE
RVOUT
RDCM
GATE
SOURCE
VTRANS
60.4k
T1
1:10
D1
VOUT
300V
VTRANS
VCC
12V
•
•
100
µF
43k
12m
Ω
M1
3750 TA01a
LT3750
GND
RBG
100k
2.49k
100pF
OFF ON
10
µF
10
µF
56
µF
×2
+
300V, 6A Capacitor Charger
TIME (SECONDS)
0
0
50
100
150
200
250
300
0.1
0.2
0.3
0.4
3750 TA03c
0.5
VTRANS = 18V
VTRANS = 6V
VTRANS = 12V
6A Charge Time


Similar Part No. - LT3750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3750 LINER-LT3750 Datasheet
233Kb / 16P
2-Cell Supercapacitor Charger
LT3750 LINER-LT3750 Datasheet
228Kb / 16P
Capacitor Charger Controller
logo
Analog Devices
LT3750 AD-LT3750 Datasheet
898Kb / 18P
20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
LT3750A AD-LT3750A Datasheet
1Mb / 16P
Capacitor Charger Controller
LT3750AEMS#PBF AD-LT3750AEMS#PBF Datasheet
1Mb / 16P
Capacitor Charger Controller
More results

Similar Description - LT3750

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
Standard Battery Charger Controller
logo
Linear Technology
LT3751 LINER-LT3751 Datasheet
271Kb / 28P
Capacitor Charger Controller with Regulation
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
logo
Feature Integration Tec...
F75198 FINTEK-F75198 Datasheet
416Kb / 10P
USB Charger Controller
F75204 FINTEK-F75204 Datasheet
685Kb / 14P
USB Charger Controller
logo
Linear Technology
LT3750 LINER-LT3750_15 Datasheet
228Kb / 16P
Capacitor Charger Controller
LT3751 LINER-LT3751_15 Datasheet
527Kb / 34P
High Voltage Capacitor Charger Controller with Regulation
logo
Analog Devices
LT3750A AD-LT3750A Datasheet
1Mb / 16P
Capacitor Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com