Electronic Components Datasheet Search
  English  ▼

X  

LT3750 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3750
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology LT3750 Datasheet HTML 10Page - Linear Technology LT3750 Datasheet HTML 11Page - Linear Technology LT3750 Datasheet HTML 12Page - Linear Technology LT3750 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT3750
3750fa
APPLICATIO S I FOR ATIO
output capacitor is almost completely charged and is
given by:
I
IV
VN V
AVG D
PK
TRANS
OUT PK
TRANS
,
()
•
•
=
+
()
2
The output diode’s continuous forward current rating
must exceed IAVG,D.
At a minimum, the diode must satisfy all the previously
mentioned specifications to guarantee proper operation.
However, to optimize charge time, reverse recovery time
and reverse bias leakage current should be considered.
Excessive diode reverse recovery times can cause appre-
ciable discharging of the output capacitor thereby in-
creasing charge time. Choose a diode with a reverse
recovery time of less than 100ns. Diode leakage current
under high reverse bias bleeds the output capacitor of
charge, also increasing charge time. Choose a diode that
has minimal reverse bias leakage current. Table 2 recom-
mends several output diodes for various output voltages
with adequate reverse recovery time.
can result in improper operation. This most often mani-
fests itself in two ways. The first is when the primary wind-
ing current looks distorted instead of triangular. This
substantially reduces the efficiency and increases the
charge time. The second way is when the LT3750 fails to
detect discontinuous mode after the first switching cycle.
Both of these problems are solved by increasing the amount
of capacitive bypassing for the transformer. Choose ca-
pacitors that can handle the high RMS ripple currents
common in flyback regulators.
Output Capacitor Selection
For photoflash applications, the output capacitor will be
discharged into a Xenon flash bulb. Only a pulse capacitor
or photoflash capacitor is able to survive such a harsh
event. Igniting a typical Xenon bulb requires approxi-
mately 250V to 350V stored on a capacitor on the order of
hundreds of microfarads.
Table 3. Recommended Output Capacitor Vendors
VENDOR
WEBSITE
Rubycon
www.rubycon.com
Cornell Dubilier
www.cornell-dubilier.com
NWL
www.nwl.com
NMOS Selection
Choose an external NMOS with minimal gate charge and
on resistance that satisfies current limit and voltage break-
down requirements. The gate is nominally driven to VCC –
2V during each charge cycle. Ensure that this does not
exceed the maximum gate to source voltage rating of the
NMOS but enhaces the channel enough to minimize the on
resistance. Similarly, the maximum drain-source voltage
rating of the NMOS must exceed VTRANS + VOUT/N or the
magnitude of the leakage inductance spike, whichever is
greater. The maximum instantaneous drain current must
exceed current limit. Because the switching period de-
creases with output voltage, the average current through
the NMOS is greatest when the output is nearly charged
and is given by:
I
IV
VN V
AVG M
PK
OUT PK
OUT PK
TRANS
,
()
()
•
•
=
+
()
2
Table 2. Recommended Output Diodes
PEAK
REPETITIVE
REVERSE
PART
IDC
VOLTAGE
MANUFACTURER
NUMBER
(A)
(V)
PACKAGE
Diodes Inc.
MURS140
1
400
SMB
(www.diodes.com)
MURS160
1
600
SMB
ES2G
2
400
SMB
US1M
1
1000
SMA
Philips
BYD147
1
400
SOD87
(www.semiconductors.
BYD167
1
500
SOD87
philips.com)
Bypass Capacitor Selection
Use a high quality X5R or X7R dielectric ceramic capacitor
placed close to the LT3750 to locally bypass the VCC and
VTRANS pins. For most applications, a 1µF to 10µF ceramic
capacitor should suffice for VCC and a 1µF to 10µF for the
VTRANS pin.
The high peak currents flowing through the transformer
necessitate a larger (>>10
µF) capacitor to bypass the pri-
mary winding of the transformer. Inadequate bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com