Electronic Components Datasheet Search
  English  ▼

X  

LT3750 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3750
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 3 Page - Linear Technology

  LT3750 Datasheet HTML 1Page - Linear Technology LT3750 Datasheet HTML 2Page - Linear Technology LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT3750
3750fa
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Pin Current
TEMPERATURE (
°C)
–50
–25
1.3
1.5
1.8
0
50
75
3750 G01
1.4
1.7
1.6
25
100
125
VCC = 24V
VCC = 12V
VCC = 3V
TEMPERATURE (
°C)
–50
–25
100
150
225
0
50
75
3750 G02
125
200
175
25
100
125
VTRANS = 24V
VTRANS = 12V
VTRANS = 3V
VCHARGE (V)
0
0
5
15
20
25
16
45
3750 G03
10
8
4
20
12
24
30
35
40
–50
°C
25
°C
125
°C
VTRANS Pin Current
CHARGE Pin Current
CHARGE Pin Enable/Disable
Voltage
DONE Output Signal Low
GATE High Voltage
TEMPERATURE (
°C)
–50
0.6
0.7
0.9
25
75
3750 G04
0.5
0.4
–25
0
50
100
125
0.3
0.2
0.8
CHARGE PIN ENABLE
CHARGE PIN DISABLE
TEMPERATURE (
°C)
–50
80
100
120
140
160
–25
0
25
50
3750 G05
75
100
125
VDONE = 5V
RDONE = 100k
TEMPERATURE (
°C)
–50
–25
0
10
25
0
50
75
3750 G06
5
20
15
25
100
125
VCC = 24V
VCC = 12V
VCC = 5V
DCM Comparator Trip Voltage
VOUT Comparator Trip Voltage
Current Limit Comparator Trip
Voltage
TEMPERATURE (
°C)
–50
–25
10
30
60
0
50
75
3750 G07
20
50
40
25
100
125
RDCM = 43k
TEMPERATURE (
°C)
–50
–25
1.220
1.228
1.240
0
50
75
3750 G08
1.224
1.236
1.232
25
100
125
TEMPERATURE (
°C)
–50
–25
72
76
82
0
50
75
3750 G09
74
80
78
25
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com