Electronic Components Datasheet Search
  English  ▼

X  

LT3750 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3750
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 2 Page - Linear Technology

  LT3750 Datasheet HTML 1Page - Linear Technology LT3750 Datasheet HTML 2Page - Linear Technology LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT3750
3750fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VCC
●
2.8
3
V
Minimum VTRANS
●
2.5
3
V
VCC Quiescent Current
Not Switching, CHARGE = 5V
1.6
2.5
mA
Not Switching, CHARGE = 0V
1
µA
VTRANS Quiescent Current
Not Switching, CHARGE = 5V
140
250
µA
Not Switching, CHARGE = 0V
1
µA
CHARGE Pin Current
CHARGE = 24V
24
µA
CHARGE = 5V
19
µA
CHARGE = 0V
1
µA
CHARGE Pin Enable Voltage
●
0.87
1.1
V
CHARGE Pin Disable Voltage
●
0.2
0.6
V
Minimum CHARGE Pin Low Time
High
→Low→High
20
µs
VOUT Comparator Trip Voltage
Measured RBG Pin
●
1.215
1.24
1.265
V
VOUT Comparator Overdrive
1
µs Pulse Width, Measured on RBG Pin
30
mV
RBG Pin Bias Current
RBG = 1.2V
70
500
nA
DCM Comparator Trip Voltage
Measured as VDRAIN – VTRANS, RDCM = 43k (Note 3)
●
536
80
mV
Current Limit Comparator Trip Voltage
●
68
78
88
mV
DONE Output Signal High
100k
Ω to 5V
4.9
5
V
DONE Output Signal Low
100k
Ω to 5V
0.1
0.2
V
DONE Pin Leakage Current
DONE = 2.5V
0.2
µA
NMOS Minimum On Time
0.6
µs
GATE Rise Time
50
ns
GATE High Voltage
CGATE = 1nF, VCC = 5V
3
3.8
4.5
V
CGATE = 1nF, VCC = 24V
22
22.6
23.5
V
GATE Turn Off Propagation Delay
CGATE = 1nF
100
ns
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
VCC, VTRANS, GATE, DONE, CHARGE ...................... 24V
RBG ....................................................................... 1.5V
SOURCE ................................................................... 1V
Current into RDCM Pin ........................................
±1mA
Current into RVOUT Pin ........................................ ±1mA
Current into DONE Pin .........................................
±1mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LT3750EMS
ORDER PART NUMBER
MS PART MARKING
LTBQD
TJMAX = 125°C, θJA = 120°C/ W
1
2
3
4
5
VTRANS
DONE
CHARGE
VCC
GND
10
9
8
7
6
RBG
RVOUT
RDCM
GATE
SOURCE
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = VTRANS = 5V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3750E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Refer to Block Diagram for VDRAIN definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com