Electronic Components Datasheet Search
  English  ▼

X  

LT3972 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3972
Description  33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3972 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3972 Datasheet HTML 3Page - Linear Technology LT3972 Datasheet HTML 4Page - Linear Technology LT3972 Datasheet HTML 5Page - Linear Technology LT3972 Datasheet HTML 6Page - Linear Technology LT3972 Datasheet HTML 7Page - Linear Technology LT3972 Datasheet HTML 8Page - Linear Technology LT3972 Datasheet HTML 9Page - Linear Technology LT3972 Datasheet HTML 10Page - Linear Technology LT3972 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3972
7
3972f
BD (Pin 1): This pin connects to the anode of the boost
Schottky diode. BD also supplies current to the internal
regulator.
BOOST (Pin 2): This pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch.
SW (Pin 3): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
VIN (Pin 4): The VIN pin supplies current to the LT3972’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
RUN/SS (Pin 5): The RUN/SS pin is used to put the
LT3972 in shutdown mode. Tie to ground to shut down
the LT3972. Tie to 2.5V or more for normal operation. If
the shutdown feature is not used, tie this pin to the VIN
pin. RUN/SS also provides a soft-start function; see the
Applications Information section.
SYNC (Pin 6): This is the external clock synchronization
input. Ground this pin for low ripple Burst Mode operation at
low output loads. Tie to a clock source for synchronization.
Clock edges should have rise and fall times faster than 1μs.
Tie Pin to GND if not used. See Synchronization section
in Applications Information.
PG (Pin 7): The PG pin is the open collector output of an
internal comparator. PG remains low until the FB pin is
within 9% of the final regulation voltage. PG output is valid
when VIN is above 3.6V and RUN/SS is high.
FB (Pin 8): The LT3972 regulates the FB pin to 0.790V.
Connect the feedback resistor divider tap to this pin.
VC (Pin 9): The VC pin is the output of the internal error
amplifier. The voltage on this pin controls the peak switch
current. Tie an RC network from this pin to ground to
compensate the control loop.
RT (Pin 10): Oscillator Resistor Input. Connecting a resistor
to ground from this pin sets the switching frequency.
Exposed Pad (Pin 11): Ground. The Exposed Pad must
be soldered to PCB.
+
–
+
–
OSCILLATOR
200kHzTO2.4MHz
BurstMode
DETECT
VC CLAMP
SOFT-START
SLOPE COMP
R
VIN
VIN
RUN/SS
BOOST
SW
SWITCH
LATCH
VC
VOUT
C2
C3
CF
L1
D1
DISABLE
CC
RC
BD
RT
R2
GND
ERROR AMP
R1
FB
RT
C1
PG
0.73V
S
Q
3680 BD
4
5
10
7
1
2
3
9
11
8
6
INTERNAL 0.79V REF
SYNC
BLOCK DIAGRAM
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com