Electronic Components Datasheet Search
  English  ▼

X  

LT3972 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3972
Description  33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3972 Datasheet(HTML) 4 Page - Linear Technology

  LT3972 Datasheet HTML 1Page - Linear Technology LT3972 Datasheet HTML 2Page - Linear Technology LT3972 Datasheet HTML 3Page - Linear Technology LT3972 Datasheet HTML 4Page - Linear Technology LT3972 Datasheet HTML 5Page - Linear Technology LT3972 Datasheet HTML 6Page - Linear Technology LT3972 Datasheet HTML 7Page - Linear Technology LT3972 Datasheet HTML 8Page - Linear Technology LT3972 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3972
4
3972f
INPUT VOLTAGE (V)
0
15
3680 G04
50
30
510
20
10
130
110
90
70
25
30
35
VOUT = 3.3V
DUTY CYCLE (%)
0
40
3680 G08
4.5
20
60
3.5
3.0
6.0
5.5
5.0
4.0
80
100
TEMPERATURE (°C)
–50
350
25
3680 G05
200
100
–25
0
50
50
0
400
300
250
150
75
100
150
125
VIN = 12V
VOUT = 3.3V
CATCH DIODE: DIODES, INC. PDS360
INCREASED SUPPLY
CURRENT DUE TO CATCH
DIODE LEAKAGE AT
HIGH TEMPERATURE
OUTPUT CURRENT (A)
0
0.5
50
70
100
1
2
2.5
3680 G01
60
90
80
1.5
3
3.5
VIN = 12V
VIN = 30V
VOUT = 5V
L = 4.7μH
f = 600kHz
VIN = 24V
OUTPUT CURRENT (A)
0
0.5
50
70
100
1
2
2.5
3680 G02
60
90
80
1.5
3
3.5
VIN = 12V
VIN = 30V
VOUT = 3.3V
L = 3.3μH
f = 600kHz
VIN = 24V
INPUT VOLTAGE (V)
5
15
3680 G07
4.5
10
20
3.5
3.0
5.5
5.0
4.0
25
30
TYPICAL
MINIMUM
VOUT = 5V
TA = 25°C
L = 4.7μH
f = 600kHz
INPUT VOLTAGE (V)
5
15
3680 G06
4.0
10
20
3.0
2.5
5.5
5.0
4.5
3.5
25
30
TYPICAL
MINIMUM
VOUT = 3.3V
TA = 25°C
L = 4.7μH
f = 600kHz
TEMPERATURE (°C)
4.0
4.5
5.5
5.0
3680 G09
3.5
3.0
2.0
2.5
6.5
6.0
DUTY CYCLE = 10 %
DUTY CYCLE = 90 %
–50
25
–25
0
50
75
100
150
125
Efficiency
Efficiency
No Load Supply Current
Maximum Load Current
Switch Current Limit
Switch Current Limit
Maximum Load Current
No Load Supply Current
Efficiency
TA = 25°C unless otherwise noted.
OUTPUT CURRENT (A)
0
0.5
50
70
100
1
2
2.5
3680 G03
60
90
80
0.5
1.5
3.0
1.0
2.5
2.0
1.5
3
3.5
VIN = 12V
VOUT = 5V
L = 4.7μH
f = 600kHz
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com