Electronic Components Datasheet Search
  English  ▼

X  

LT3972 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3972
Description  33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3972 Datasheet(HTML) 1 Page - Linear Technology

  LT3972 Datasheet HTML 1Page - Linear Technology LT3972 Datasheet HTML 2Page - Linear Technology LT3972 Datasheet HTML 3Page - Linear Technology LT3972 Datasheet HTML 4Page - Linear Technology LT3972 Datasheet HTML 5Page - Linear Technology LT3972 Datasheet HTML 6Page - Linear Technology LT3972 Datasheet HTML 7Page - Linear Technology LT3972 Datasheet HTML 8Page - Linear Technology LT3972 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3972
1
3972f
33V, 3.5A, 2.4MHz
Step-Down Switching Regulator
with 75µA Quiescent Current
The LT
®3972isanadjustablefrequency(200kHzto2.4MHz)
monolithic buck switching regulator that accepts input
voltages up to 33V (62V Maximum). A high efficiency
95mΩ switch is included on the die along with a boost
Schottky diode and the necessary oscillator, control, and
logic circuitry. Current mode topology is used for fast
transient response and good loop stability. Low ripple
Burst Mode operation maintains high efficiency at low
output currents while keeping output ripple below 15mV
in a typical application. In addition, the LT3972 can fur-
ther enhance low output current efficiency by drawing
bias current from the output when VOUT is above 3V.
Shutdown reduces input supply current to less than 1μA
while a resistor and capacitor on the RUN/SS pin provide a
controlled output voltage ramp (soft-start). A power good
flag signals when VOUT reaches 91% of the programmed
output voltage. The LT3972 is available in 10-Pin MSOP
and 3mm
× 3mm DFN packages with exposed pads for
low thermal resistance.
■
Automotive Battery Regulation
■
Distributed Supply Regulation
■
Industrial Supplies
■
Wall Transformer Regulation
■
Wide Input Range:
Operation from 3.6V to 33V
Over-Voltage Lockout Protects Circuits
Through 62V Transients
■
3.5A Maximum Output Current
■
Low Ripple (<15mVP-P) Burst Mode
® Operation:
IQ = 75μA at 12VIN to 3.3VOUT
■
Adjustable Switching Frequency: 200kHz to 2.4MHz
■
Low Shutdown Current: IQ < 1μA
■
Integrated Boost Diode
■
Synchronizable Between 250kHz to 2MHz
■
Power Good Flag
■
Saturating Switch Design: 95mΩ On-Resistance
■
Output Voltage: 0.79V to 30V
■
Thermal Protection
■
Soft-Start Capability
■
Small 10-Pin Thermally Enhanced MSOP and
(3mm
× 3mm) DFN Packages
5V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
6.3V TO 33V
TRANSIENT
TO 62V
VOUT
5V
3.5A
10μF
0.47μF
680pF
47μF
100k
15k
63.4k
4.7μH
536k
GND
OFF ON
LT3972
3680 TA01
RUN/SS
BOOST
SYNC
Efficiency
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OUTPUT CURRENT (A)
00.5
50
70
100
1
2
2.5
3680 TA01a
60
90
80
1.5
3
3.5
VIN = 12V
VIN = 30V
VOUT = 5V
L = 4.7μH
f = 600kHz
VIN = 24V
TYPICAL APPLICATION
DESCRIPTION
FEATURES
APPLICATIONS


Similar Part No. - LT3972

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3972 LINER-LT3972 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
More results

Similar Description - LT3972

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com