Electronic Components Datasheet Search
  English  ▼

X  

LT3972 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3972
Description  33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3972 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3972 Datasheet HTML 16Page - Linear Technology LT3972 Datasheet HTML 17Page - Linear Technology LT3972 Datasheet HTML 18Page - Linear Technology LT3972 Datasheet HTML 19Page - Linear Technology LT3972 Datasheet HTML 20Page - Linear Technology LT3972 Datasheet HTML 21Page - Linear Technology LT3972 Datasheet HTML 22Page - Linear Technology LT3972 Datasheet HTML 23Page - Linear Technology LT3972 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3972
24
3972f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0908 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1933
500mA (IOUT), 500kHz Step-Down Switching Regulator in SOT-23
VIN: 3.6V to 36V, VOUT(MIN) = 1.2V, IQ = 1.6mA, ISD < 1μA,
ThinSOTTM Package
LT1936
36V, 1.4A (IOUT), 500kHz, High Efficiency Step-Down DC/DC
Converter
VIN: 3.6V to 36V, VOUT(MIN) = 1.2V, IQ = 1.9mA, ISD < 1μA,
MS8E Package
LT1940
Dual 25V, 1.4A (IOUT), 1.1MHz, High Efficiency Step-Down DC/DC
Converter
VIN: 3.6V to 25V, VOUT(MIN) = 1.2V, IQ = 3.8mA, ISD < 30μA,
TSSOP16E Package
LT1976/LT1967
60V, 1.2A (IOUT), 200kHz/500kHz, High Efficiency Step-Down
DC/DC Converters with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.2V, IQ = 100μA, ISD < 1μA,
TSSOP16E Package
LT3434/LT3435
60V, 2.4A (IOUT), 200kHz/500kHz, High Efficiency Step-Down
DC/DC Converters with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.2V, IQ = 100μA, ISD < 1μA,
TSSOP16 Package
LT3437
60V, 400mA (IOUT), Micropower Step-Down DC/DC Converter with
Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.25V, IQ = 100μA, ISD < 1μA,
3mm
× 3mm DFN10 and TSSOP16E Packages
LT3480
36V with Transient Protection to 60V, 2A (IOUT), 2.4MHz, High
Efficiency Step-Down DC/DC Converter with Burst Mode Operation
VIN: 3.6V to 38V, VOUT(MIN) = 0.78V, IQ = 70μA, ISD < 1μA,
3mm
× 3mm DFN10 and MSOP10E Packages
LT3481
34V with Transient Protection to 36V, 2A (IOUT), 2.8MHz, High
Efficiency Step-Down DC/DC Converter with Burst Mode Operation
VIN: 3.6V to 34V, VOUT(MIN) = 1.26V, IQ = 50μA, ISD < 1μA,
3mm
× 3mm DFN10 and MSOP10E Packages
LT3493
36V, 1.4A (IOUT), 750kHz High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 1.9mA, ISD < 1μA,
2mm
× 3mm DFN6 Package
LT3505
36V with Transient Protection to 40V, 1.4A (IOUT), 3MHz,
High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 34V, VOUT(MIN) = 0.78V, IQ = 2mA, ISD = 2μA,
3mm
× 3mm DFN8 and MSOP8E Packages
LT3508
36V with Transient Protection to 40V, Dual 1.4A (IOUT), 3MHz,
High Efficiency Step-Down DC/DC Converter
VIN: 3.7V to 37V, VOUT(MIN) = 0.8V, IQ = 4.6mA, ISD = 1μA,
4mm
× 4mm QFN24 and TSSOP16E Packages
LT3680
36V, 3.5A, 2.4MHz, Low Quiescent Current (<75μA) Step-Down
DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 75μA, ISD < 1μA, 3mm ×
3mm DFN10, MS10E Package
LT3684
34V with Transient Protection to 36V, 2A (IOUT), 2.8MHz,
High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 34V, VOUT(MIN) = 1.26V, IQ = 850μA, ISD < 1μA,
3mm
× 3mm DFN10 and MSOP10E Packages
LT3685
36V with Transient Protection to 60V, Dual 2A (IOUT), 2.4MHz,
High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 38V, VOUT(MIN) = 0.78V, IQ = 70μA, ISD < 1μA,
3mm
× 3mm DFN10 and MSOP10E Packages
LT3693
36V, 3.5A, 2.4MHz, Step-Down DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 1.3mA, ISD < 1μA, 3mm ×
3mm DFN10, MS10E Package
SW
FB
VC
PG
RT
VIN
BD
VIN
3.6V TO 27V
VOUT
1.2V
3.5A
4.7μF
0.47μF
100μF
f = 500kHz
D: ON SEMI MBRA340
L: NEC MPLC0730L3R3
D
17k
78.7k
L
3.3μH
GND
470pF
ON OFF
LT3972
3680 TA09
RUN/SS
BOOST
SYNC
100k
52.3k
1.2V Step-Down Converter
RELATED PARTS
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com